データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MTXO2HFCD

  • AI
    The **MTXO2HFCD** is a high-performance electronic component, specifically a **Temperature Compensated Crystal Oscillator (TCXO)**. These parts are critical in circuitry requiring precise timing and frequency stability across varying temperatures. --- ## 1. Core Functionality The MTXO2HFCD belongs to the family of frequency control devices. Unlike a standard quartz crystal, a TCXO includes internal circuitry to compensate for the natural frequency drift that occurs when temperature changes. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Output Type** | Typically CMOS or Clipped Sine Wave | | **Stability** | High precision (often measured in parts per million/ppm) | | **Supply Voltage** | Usually operates at 3.3V or 5.0V (check datasheet for specific revision) | | **Package** | Surface Mount Device (SMD) | --- ## 2. Internal Electronic Parts The device is not a single part but a miniaturized system-on-chip (SoC) inside a ceramic housing. It contains: 1. **Quartz Crystal Resonator:** The vibrating heart of the device that sets the base frequency. 2. **Varactor Diode:** Used as a voltage-variable capacitor to "pull" or adjust the crystal frequency. 3. **Temperature Sensor:** A thermistor-based circuit that monitors the ambient temperature. 4. **Compensation Network:** An analog or digital circuit that calculates the necessary voltage adjustment for the varactor to keep the frequency stable as the temperature changes. --- ## 3. Common Applications Because of its high stability, the MTXO2HFCD is used in environments where "clock drift" could lead to data loss or communication failure: * **Telecommunications:** Base stations and wireless backhaul systems. * **GPS/GNSS Receivers:** High-precision positioning requires exact timing. * **Networking Gear:** High-speed routers and switches. * **Test & Measurement:** Precision laboratory equipment. --- ## 4. Troubleshooting & Handling * **Soldering:** Being a precision crystal device, it is sensitive to excessive heat. Strict adherence to reflow profiles is required to prevent "frequency shift." * **Bypass Capacitors:** It is recommended to place a 0.01µF to 0.1µF capacitor as close to the Vcc pin as possible to filter out electrical noise.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range of the MTXO2HFCD?
    • ⤷ How does a TCXO differ from an OCXO in terms of power consumption?
    • ⤷ What are the footprint dimensions for this specific SMD package?