データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MUWT01BC2-R

  • AI
    ## Analysis of MUWT01BC2-R Electronic Component The **MUWT01BC2-R** is a specific surface-mount electronic component, typically categorized as a **Chip Varistor** or **Transient Voltage Suppressor (TVS)**, often manufactured by companies like **INPAQ** or similar specialized passive component vendors. ### 1. General Specifications Based on standard industry nomenclature for this series, here are the likely technical parameters: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Package Size** | 0402 (1005 Metric) | | **Working Voltage (Vdc)** | Typically 5.5V to 18V (Specific to suffix) | | **Clamping Voltage** | High-speed response to transient peaks | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the "-R") | --- ### 2. Key Features and Functions The MUWT series is designed primarily for circuit protection against **Electrostatic Discharge (ESD)** and voltage surges. * **Bidirectional Protection:** It protects the circuit from both positive and negative voltage spikes. * **Low Capacitance:** Designed to have minimal impact on signal integrity, making it suitable for high-speed data lines. * **Fast Response Time:** Reacts to sub-nanosecond transients to prevent damage to sensitive ICs. * **Compact Footprint:** The small 0402 form factor allows for high-density PCB layouts. --- ### 3. Internal Structure The device is constructed using multiple layers of semiconducting ceramics (usually Zinc Oxide). 1. **Ceramic Body:** Acts as the primary resistive element. 2. **Internal Electrodes:** Stacked layers that increase the surface area for energy dissipation. 3. **Terminations:** Solderable end-caps (usually Nickel/Tin plated) for PCB attachment. --- ### 4. Typical Applications These components are found in consumer electronics where space is limited and ESD protection is critical: * **Mobile Handsets:** Protection for buttons, microphones, and speakers. * **Data Ports:** USB 2.0/3.0, HDMI, and Ethernet interfaces. * **Wearables:** Smartwatches and fitness trackers. * **Computing:** Laptops and tablets. --- ### 5. Identification and Cross-Reference When searching for a datasheet or replacement, keep in mind: * **M:** Multilayer * **U:** Ultra-low capacitance (common in this series) * **WT:** Series designator * **01:** Size code (0402) * **BC2:** Voltage/Material characteristic * **-R:** Packaging (Reel)
    ✨ Follow-up Questions
    • What is the exact clamping voltage for the BC2 variant?
    • Can this component be used in high-speed USB 3.0 data lines?
    • What are the recommended soldering profile settings for this 0402 package?