データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV11T3AD-R

  • AI
    The **MV11T3AD-R** is a specific model of a **Brushless DC (BLDC) Motor Driver/Controller**, typically integrated into high-precision industrial cooling fans or small blower units (often manufactured by companies like Minebea/NMB). Below is a breakdown of its electronic characteristics, internal components, and functional specifications. --- ## 1. Core Technical Specifications These parts are generally designed for high-efficiency thermal management in servers, telecommunications, and industrial automation. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V DC (Nominal) | Operating range usually 7V to 13.8V | | **Current Rating** | ~1.5A to 3.0A | Varies based on specific fan load | | **Motor Type** | 3-Phase BLDC | Brushless DC motor for longevity | | **Control Signal** | PWM (Pulse Width Modulation) | For variable speed control | | **Feedback Signal** | Tachometer (FG) | Frequency Generator output for RPM monitoring | --- ## 2. Key Electronic Components The "parts" within the MV11T3AD-R circuitry include several critical semiconductor and passive elements: ### A. Integrated Circuit (IC) Controller The heart of the unit is a specialized **BLDC Driver IC**. This chip handles: * **Commutation Logic:** Determining which stator coils to energize based on rotor position. * **Soft Start:** Gradually increasing current to prevent mechanical shock and voltage spikes. ### B. Power Stage (MOSFETs) The board contains a series of **Power MOSFETs** arranged in a bridge configuration (usually a 3-phase H-bridge). These switch the DC power into the motor phases. * **Low RDS(on):** Chosen to minimize heat loss during high-speed operation. ### C. Protection Circuitry The "AD-R" suffix often indicates specific protection features: * **Locked Rotor Protection:** Automatically cuts power if the fan is physically obstructed to prevent the coils from burning out. * **Auto-Restart:** Periodically attempts to restart the motor after the obstruction is cleared. * **Reverse Polarity Protection:** A diode or MOSFET-based circuit to prevent damage if + and - wires are swapped. --- ## 3. Wiring Configuration The electronics are interfaced via a 4-wire standard lead system: 1. **Red (VCC):** 12V Power input. 2. **Black (GND):** Ground/Common. 3. **White/Yellow (FG):** Tachometer output (Tach). Sends a pulse signal proportional to the speed. 4. **Blue (PWM):** Speed control input. Accepting a 25kHz signal is standard. --- ## 4. Application Context The **MV11T3AD-R** electronic assembly is engineered for: * **High MTBF (Mean Time Between Failures):** Due to the lack of physical brushes. * **EMI/EMC Compliance:** Includes internal capacitors and inductors to filter electromagnetic interference, preventing it from affecting nearby sensitive electronics. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and mounting patterns for the MV11T3AD-R housing?
    • ⤷ How do I calculate the RPM based on the FG (Tachometer) output frequency?
    • ⤷ Can this controller be used with a 24V power supply instead of 12V?