MV12T2AD-R
AI

The **MV12T2AD-R** is a high-performance, non-isolated DC-DC point-of-load (POL) converter module. It is designed to step down a higher input voltage to a lower, regulated output voltage with high efficiency, typically used in telecommunications, data processing, and industrial applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MV12T2AD-R module:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 6.5V to 14V DC |
| **Output Voltage Range** | 0.75V to 5.0V (Adjustable) |
| **Output Current** | 12 Amperes (Max) |
| **Efficiency** | Up to 94% |
| **Switching Frequency** | ~300 kHz |
| **Form Factor** | SMT (Surface Mount Technology) |
---
### 2. Functional Components & Features
The module integrates several electronic sub-systems into a single compact package:
* **PWM Controller:** The "brain" of the module that regulates the duty cycle to maintain a steady output voltage despite input fluctuations.
* **Power MOSFETs:** High-frequency switching transistors that handle the power conversion process.
* **Integrated Inductor:** Reduces electromagnetic interference (EMI) and saves PCB space.
* **Protection Circuitry:**
* **Over-Current Protection (OCP):** Prevents damage during short circuits.
* **Over-Temperature Protection (OTP):** Shuts down the device if it exceeds safe thermal limits.
* **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is sufficient.
---
### 3. Pin Configuration Overview
Typical for this series, the pins serve the following functions:
1. **Vin:** Positive input supply.
2. **GND:** Common ground for input and output.
3. **Vout:** Regulated output voltage.
4. **Trim:** Used to adjust the output voltage by connecting an external resistor to GND.
5. **PGOOD (Power Good):** An open-drain signal indicating the output is within regulation.
6. **Remote On/Off:** Allows the system to enable or disable the converter via logic signals.
---
### 4. Typical Application Circuit
When designing with the MV12T2AD-R, external capacitors are required to minimize ripple:
```cpp
// Schematic Concept
[Input 12V] ---- [C_in: 22uF Ceramic] ---- (Vin Pin)
|
[MV12T2AD-R] -- (Trim Pin) -- [R_trim] -- GND
|
[Output 3.3V] --- [C_out: 47uF Ceramic] -- (Vout Pin)
```
- ⤷
How do I calculate the resistor value for the Trim pin to set a specific voltage?
- ⤷ What are the thermal derating requirements for this module at high temperatures?
- ⤷ Can this module be used in parallel for higher current requirements?