データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV12T2CD-R

  • AI
    The **MV12T2CD-R** is a specific model of a **Photocell (Photoelectric Sensor)**, typically manufactured by companies like M.D. Micro Detectors. This device is an industrial electronic component used for presence detection, counting, and automation. ### 1. Technical Specifications The following table outlines the primary electronic and physical characteristics of the MV12T2CD-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Through-beam (Emitter/Receiver) or Retro-reflective | | **Housing Diameter** | M12 (12mm threaded cylindrical) | | **Operating Voltage** | 10 - 30 VDC | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Output Logic** | Complementary (Normally Open + Normally Closed) | | **Connection Type** | M12 4-pin Connector | | **Sensing Distance** | Typically up to 2m - 4m (model dependent) | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Protection Rating** | IP67 (Water and dust resistant) | --- ### 2. Internal Electronic Components The device is composed of several key electronic stages housed within the M12 shell: #### A. Optical Assembly * **Emitter:** Usually an Infrared (IR) or Visible Red LED. * **Receiver:** A phototransistor or photodiode optimized for the specific wavelength of the emitter. #### B. Signal Processing Circuit * **Oscillator:** Modulates the light beam to a specific frequency to ensure the sensor does not get "tricked" by ambient sunlight or overhead factory lighting. * **Amplifier:** Boosts the small current generated by the receiver when light hits it. * **Comparator/Schmitt Trigger:** Converts the analog signal from the receiver into a clean "High" or "Low" digital signal. #### C. Output Stage * **Transistor Switch:** Uses high-speed transistors (NPN or PNP) to switch the external load. * **Protection Circuitry:** Includes Reverse Polarity protection (prevents damage if wired backward) and Short Circuit protection. --- ### 3. Wiring Diagram (Typical M12 4-pin) The "CD-R" suffix often indicates a specific connector pinout. Standard color coding for these sensors usually follows: ```yaml Pin 1 (Brown): +10...30V DC Pin 2 (White): Output 2 (NC - Normally Closed) Pin 3 (Blue): 0V (Ground) Pin 4 (Black): Output 1 (NO - Normally Open) ``` --- ### 4. Applications * **Conveyor Systems:** Detecting the passage of boxes or parts. * **Packaging Machinery:** Monitoring film tension or product presence. * **Automated Gates:** Detecting an obstruction in a doorway.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output configurations in this sensor?
    • ⤷ How do I align the MV12T2CD-R for maximum sensing distance?
    • ⤷ Does this model support IO-Link communication?