データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV12V2CD-R

  • AI
    The **MV12V2CD-R** is a specific model of a **Miniature Vacuum Pump** (often a diaphragm type) commonly used in medical equipment, automotive systems, and automated sampling devices. Below is a detailed breakdown of its electronic and mechanical components. --- ### 1. Technical Specifications This component is characterized by its high-efficiency DC motor and compact form factor. | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 12V DC | | **Current Draw** | ~350mA - 600mA (load dependent) | | **Flow Rate** | 2.0 - 3.5 Liters per minute (LPM) | | **Maximum Pressure** | > 100 kPa | | **Motor Type** | Brushed or Brushless DC (Model variant dependent) | | **Vacuum Level** | < -50 kPa | --- ### 2. Key Electronic & Mechanical Parts #### A. The DC Motor The "Heart" of the unit. The **MV12** series typically uses a high-torque DC motor. * **Commutator/Brushes:** Transfers electrical current to the spinning armature. * **Permanent Magnets:** Provides the magnetic field required for rotation. * **Bearings:** Usually ball bearings or high-quality oil-impregnated sleeves to ensure long life under continuous operation. #### B. The Diaphragm Assembly This is the "Pump" mechanism. * **Eccentric Linkage:** Converts the circular motion of the motor shaft into a reciprocating (up and down) motion. * **EPDM/Silicone Diaphragm:** A flexible membrane that creates volume changes in the chamber to move air. * **Check Valves:** One-way valves that ensure the air flows in the correct direction (Inlet vs. Outlet). #### C. Interface and Control * **Terminals:** Usually two solder tabs or pre-wired leads (Red for +, Black for -). * **EMI Suppression:** Often includes small capacitors (e.g., 0.1µF) across the motor terminals to reduce electromagnetic interference with nearby sensors. --- ### 3. Basic Control Circuit To drive this part using a microcontroller (like an Arduino or ESP32), you cannot connect it directly to the I/O pins due to the current draw. A simple **Transistor/MOSFET switch** or **Relay** is required. ```cpp // Example: Basic PWM Control Structure int pumpPin = 9; // Connected to a Logic Level MOSFET Gate void setup() { pinMode(pumpPin, OUTPUT); } void loop() { analogWrite(pumpPin, 150); // Run at ~60% speed delay(5000); analogWrite(pumpPin, 0); // Stop delay(2000); } ``` --- ### 4. Common Applications * **Medical:** Blood pressure monitors, wound therapy devices. * **Gas Analysis:** Pulling air samples into a sensor chamber. * **Automotive:** Lumbar support systems in seating. * **Industrial:** Pick-and-place vacuum grippers for small components.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous run-time for the MV12V2CD-R before overheating?
    • ⤷ Can this pump be used for liquids
    • ⤷ or is it strictly for air/gas?
    • ⤷ How do I calculate the flyback diode size for this motor?