データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV12V3CD-R

  • AI
    The **MV12V3CD-R** appears to be a specific model designation typically associated with **Direct Current (DC) Brushless Motors** or small **Cooling Fans**, often used in automotive or industrial electronics. Based on its nomenclature, we can break down its electronic characteristics. ### 1. Technical Specifications Overview While specific manufacturers (like Nidec or Delta) may vary slightly, the part number usually follows this standard electronic breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V DC | Standard operating voltage for automotive and PC systems. | | **Current Type** | DC (Direct Current) | Requires a regulated DC power source. | | **Motor Type** | Brushless (BLDC) | Uses electronic commutation instead of carbon brushes. | | **Termination** | Wire Leads | Usually comes with 2 to 3 wires (Power, Ground, and sometimes Tachometer). | --- ### 2. Key Electronic Components A device like the MV12V3CD-R contains several internal electronic parts to manage rotation and efficiency: #### A. The PCB (Printed Circuit Board) Inside the housing, a small circular PCB manages the power distribution to the coils. * **Hall Effect Sensor:** Detects the position of the permanent magnet rotor to time the switching of the coils. * **Driver IC:** An integrated circuit that acts as the "brain," converting DC input into pulses to drive the motor phases. #### B. The Stator Coils * **Copper Windings:** Arranged in a multi-pole configuration. When energized by the Driver IC, these create the electromagnetic field necessary for rotation. #### C. Protection Circuitry * **Reverse Polarity Protection:** A diode usually prevents damage if the positive and negative wires are swapped. * **Auto-Restart:** If the fan is physically blocked, the internal IC will cut power temporarily to prevent the coils from overheating (locked rotor protection). --- ### 3. Wire Configuration (Typical) If the unit has a **CD-R** suffix, it often refers to a specific connector or lead-wire configuration: 1. **Red Wire:** Positive (+12V) 2. **Black Wire:** Negative (Ground) 3. **Yellow/White (Optional):** Tachometer (FG signal) - used to monitor the RPM of the motor. --- ### 4. Applications * **Car Audio:** Cooling for high-powered amplifiers. * **Server Cooling:** Small-form-factor heat dissipation. * **Industrial Controls:** Air circulation inside sealed electrical cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for this specific 12V motor model?
    • ⤷ Does this model support PWM (Pulse Width Modulation) for speed control?
    • ⤷ What is the physical frame size associated with the MV12V series?