データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV13V2AD-R

  • AI
    The **MV13V2AD-R** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically categorized as a Point-of-Load (PoL) regulator. These modules are designed to convert a higher input voltage into a lower, highly stable output voltage for sensitive electronic components like FPGAs, ASICs, and microprocessors. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics associated with this class of power module: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage ($V_{IN}$)** | 4.5V to 14V DC | | **Output Voltage ($V_{OUT}$)** | 0.6V to 5.0V (Adjustable) | | **Output Current ($I_{OUT}$)** | Up to 13A - 15A | | **Efficiency** | > 90% (depending on load) | | **Switching Frequency** | 300 kHz to 1 MHz (Programmable) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Core Electronic Components & Architecture The MV13V2AD-R is an integrated solution, meaning it houses several discrete components inside a single package to save PCB space: * **Integrated PWM Controller:** The "brain" that regulates the duty cycle to maintain a constant output voltage despite fluctuations in input or load. * **Power MOSFETs:** High-side and low-side transistors that perform the high-speed switching. * **Power Inductor:** A high-current shielded inductor integrated into the module to minimize Electromagnetic Interference (EMI) and ripple current. * **Feedback Network:** Precision resistors and capacitors used to sense the output voltage and provide closed-loop stability. --- ### 3. Functional Features The module includes several protection and control circuits: 1. **Soft-Start:** Gradually increases the output voltage during power-up to prevent high inrush currents. 2. **Over-Current Protection (OCP):** Automatically shuts down or limits current if a short circuit or overload occurs. 3. **Thermal Shutdown:** Protects the internal silicon from damage if the module exceeds its operating temperature (usually around 150°C internal). 4. **Remote Sense:** Allows the controller to compensate for voltage drops across the PCB traces by sensing the voltage directly at the load. --- ### 4. Application Context The "R" suffix often denotes **RoHS compliance** (Lead-free) or specific packaging (like Tape & Reel). You will find these parts in: * **Telecommunications:** Base stations and networking switches. * **Computing:** High-end servers and data storage systems. * **Industrial:** Automation controllers and high-density power systems.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MV13V2AD-R?
    • ⤷ How do I calculate the external resistor value to set a specific output voltage?
    • ⤷ What are the thermal derating requirements for this module at 13A?