データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV14T2CG-R

  • AI
    The **MV14T2CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** or a **Transient Voltage Suppressor (TVS)** manufactured by companies like **Eaton (formerly Cooper Bussmann)** or similar electronics suppliers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is designed to protect sensitive electronic circuits from voltage surges and electrostatic discharge (ESD) events. It acts as a high-impedance component under normal conditions but becomes conductive when a voltage threshold is exceeded, shunting the excess energy to the ground. ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer, the **MV series** generally follows these standard specifications: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Multilayer Varistor (MLV) | Protects against bi-directional transients. | | **Package / Case** | 0603 (Inch) | Standard surface mount footprint. | | **Working Voltage (DC)** | 14V | Maximum continuous DC voltage allowed. | | **Working Voltage (AC)** | 10V - 11V | Maximum RMS AC voltage allowed. | | **Varistor Voltage** | 16.5V - 20V | Voltage where the device starts conducting. | | **Clamping Voltage** | 30V - 40V | Max voltage across the part during a surge. | | **Peak Surge Current** | 30A | Maximum current handling (8/20μs pulse). | | **Capacitance** | 100pF - 300pF | Typical internal capacitance. | --- ### 3. Key Electronic Features * **Bi-directional Protection:** Unlike a standard Zener diode, this varistor provides protection for both positive and negative voltage spikes. * **Fast Response Time:** Capable of responding to transients in less than 1 nanosecond, making it ideal for ESD protection. * **Multilayer Construction:** Uses layers of Zinc Oxide (ZnO) to increase energy density within a small SMD footprint. * **High Reliability:** The `-R` suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards. --- ### 4. Common Applications Due to its 14V DC rating, the MV14T2CG-R is commonly found in the following circuits: 1. **Automotive Electronics:** Protection for sensors and low-voltage control lines. 2. **Portable Electronics:** Guards USB ports, audio jacks, and battery charging circuits. 3. **Data Lines:** Protects I/O pins of microcontrollers from static electricity when users touch connectors. 4. **Industrial Controls:** Suppressing noise from small relays and switches. --- ### 5. Circuit Implementation In a schematic, this part is placed **in parallel** with the load it is protecting. ```mermaid graph LR Input[Voltage Source] --- Node((A)) Node --- Load[Sensitive IC] Node --- Varistor[MV14T2CG-R] Varistor --- GND[Ground] Load --- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating (in Joules) for the MV14T2CG-R?
    • ⤷ How does the capacitance of this varistor affect high-speed data signals?
    • ⤷ What are the recommended soldering temperature profiles for this 0603 package?