データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV18V1CD-R

  • AI
    Based on technical specifications for industrial electronics and component sourcing, the **MV18V1CD-R** is typically categorized as a high-performance **Crystal Oscillator** or a specialized **Voltage-Controlled Crystal Oscillator (VCXO)**. Below is a breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The part number follows a standard industry naming convention for frequency control products. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage-Controlled Crystal Oscillator (VCXO) | | **Package Style** | Surface Mount Device (SMD) | | **Primary Function** | Precise frequency generation and timing | | **Common Operating Voltage** | 1.8V to 3.3V (Model dependent) | | **Output Type** | CMOS / LVCMOS | --- ### 2. Electronic Composition The internal circuitry of the MV18V1CD-R consists of several integrated layers: 1. **Quartz Crystal Resonator:** The core mechanical element that vibrates at a specific frequency. 2. **Varactor Diode:** Used for frequency tuning. By varying the control voltage, the capacitance changes, slightly "pulling" the frequency of the quartz. 3. **Oscillator IC:** A low-noise amplifier circuit that maintains the oscillation and buffers the output signal. 4. **Temperature Compensation (Optional):** Some versions include internal thermistors to stabilize frequency against heat fluctuations. --- ### 3. Application Areas These parts are designed for high-stability environments where clock synchronization is critical. * **Telecommunications:** Base stations and networking hardware requiring Phase-Locked Loops (PLLs). * **Video Equipment:** Digital broadcast systems where "genlocking" or clock synchronization is necessary. * **Instrumentation:** Precision measurement tools and data converters (ADC/DAC). --- ### 4. Key Performance Parameters When evaluating the MV18V1CD-R, engineers look at these specific metrics: * **Frequency Stability:** Measured in Parts Per Million (PPM). Usually ranges from ±20ppm to ±50ppm. * **Phase Jitter:** The timing uncertainty of the clock edges; lower jitter is critical for high-speed data. * **Pullability:** The range (in ppm) that the frequency can be shifted using the control voltage. * **Operating Temperature:** Typically rated for Industrial grade (-40°C to +85°C). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range available for the MV18V1CD-R series?
    • ⤷ How does the 'CD-R' suffix affect the packaging or soldering specifications?
    • ⤷ What are the common alternatives if this specific part is out of stock?