データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV18V2AD-R

  • AI
    The **MV18V2AD-R** is a specialized power management component, typically categorized as a **DC-DC Converter** or a **Voltage Regulator Module**. It is commonly found in industrial electronics, telecommunications equipment, and specific consumer electronics requiring stable 18V power rails. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MV18V2AD-R is designed to convert an input voltage into a regulated 18V output. Its naming convention usually indicates a "Medical" or "Medium" voltage series with a 2-Ampere capacity. | Feature | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 18V DC | | **Output Current** | 2.0 Amperes | | **Configuration** | Step-Down (Buck) or Fixed Output | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (depending on suffix) | | **Efficiency** | > 85% | --- ### 2. Core Electronic Components Internally, the MV18V2AD-R consists of several sub-circuits that ensure power stability: * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages the conversion efficiency. * **Power MOSFETs:** Integrated transistors that switch the input current to maintain the 18V output. * **Inductor/Filter Stage:** Uses a high-quality inductor and low-ESR capacitors to minimize output ripple and noise. * **Feedback Loop:** A precision resistor divider network that monitors the output voltage and adjusts the duty cycle in real-time. --- ### 3. Protection Mechanisms To ensure the longevity of the device and the connected load, the module includes several safety features: 1. **Over-Current Protection (OCP):** Limits the output current to prevent damage during a short circuit. 2. **Thermal Shutdown:** The device will turn off if the internal temperature exceeds safe operating limits (usually around 125°C - 150°C). 3. **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate when the input voltage is too low to provide a stable output. --- ### 4. Typical Pinout/Application Circuit While specific pinouts vary by package, a standard implementation follows this logic: ```c [ Input + ] ----( VIN )-------[ MV18V2AD-R ]-------( VOUT )---- [ Output + ] [ Input - ] ----( GND )-------[ (IC) ]-------( GND )---- [ Output - ] | | (Enable) (Feedback/Adjust) ``` --- ### 5. Common Use Cases * **LED Driver Systems:** Providing constant voltage for 18V LED arrays. * **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) or sensors that operate on an 18V rail. * **Audio Amplifiers:** Used as a clean power source for mid-range operational amplifiers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage range for the MV18V2AD-R?
    • ⤷ Is this component compatible with 24V industrial power supplies?
    • ⤷ What are the specific dimensions and package type for the R-suffix version?