データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV22T3CD-R

  • AI
    The **MV22T3CD-R** is a specific electronic component, primarily identified as a **high-precision, temperature-compensated crystal oscillator (TCXO)** or a specialized **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by companies like **Microsemi** or **Vectron (now part of Microchip Technology)**. These parts are designed for high-reliability applications where frequency stability is critical. --- ### 1. Technical Specifications The "MV" series generally adheres to the following electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) / TCXO | | **Output Frequency** | Usually application-specific (often 10MHz to 100MHz range) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Package Type** | DIP (Dual In-line Package) or SMD (Surface Mount Device) | | **Stability** | $\pm$ 0.1 ppm to $\pm$ 1.0 ppm (Temperature dependent) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Features The part number breakdown reveals specific electronic capabilities: * **Frequency Control:** The "V" in the prefix often denotes **Voltage Control**, allowing the output frequency to be fine-tuned via an external control voltage. * **Precision Timing:** It utilizes a quartz crystal resonator combined with compensation circuitry to minimize frequency "drift" caused by environmental temperature changes. * **Low Phase Noise:** Engineered to provide a very "clean" signal, which is essential for high-speed data transmission to prevent bit errors. * **RoHS Compliance:** The "-R" suffix typically indicates that the part is **RoHS compliant**, meaning it is manufactured without hazardous substances like lead. --- ### 3. Application Areas Because of its high stability, the MV22T3CD-R is commonly found in the following electronic systems: 1. **Telecommunications:** Base stations (4G/5G), small cells, and backhaul equipment. 2. **Networking:** Synchronous Ethernet (SyncE) and IEEE 1588 timing modules. 3. **Test & Measurement:** Frequency counters and signal generators. 4. **Satellite Communications:** Ground station equipment requiring precise local oscillators. --- ### 4. Circuit Implementation Example When integrating this part into a PCB design, it typically requires a stable power supply and a decoupling capacitor to minimize noise. ```c // Typical Pin Configuration (Generic OCXO/VCXO) Pin 1: Control Voltage (Vc) - Adjusts frequency Pin 7: Ground (GND) Pin 8: Output (RF Out) - Square or Sine wave Pin 14: Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a TCXO in terms of power consumption?
    • ⤷ How does the control voltage (Vc) pin affect the output frequency?
    • ⤷ Which manufacturers currently produce the MV22 series components?