データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV23V2CG-R

  • AI
    The **MV23V2CG-R** is a specific part number typically associated with **Varistors** (specifically Metal Oxide Varistors or MOVs) manufactured by companies like **Thinking Electronic Industrial**. These components are critical for protecting electronic circuits against voltage surges and spikes. --- ### 1. Component Overview The MV series represents high-performance surge protection components designed to absorb excess energy and clamp voltage to a safe level. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Function** | Overvoltage Protection / Surge Suppression | | **Mounting Type** | Surface Mount Device (SMD) | | **Typical Package** | 1210 or 2220 Case Size (depending on series variation) | --- ### 2. Technical Characteristics Based on the standard nomenclature for the MV series, here are the electronic properties: * **Voltage Sensitivity:** The device remains in a high-impedance state during normal operation. When a voltage spike exceeds the "Varistor Voltage," the resistance drops instantly to shunt the current. * **Bi-directional Protection:** It protects against both positive and negative voltage transients. * **Response Time:** Extremely fast (typically $< 25$ nanoseconds), making it suitable for protecting sensitive ICs. * **Energy Handling:** Designed to withstand specific Joule ratings and peak pulse currents without failing. --- ### 3. Key Electronic Parameters If we break down the typical naming convention for this part: | Parameter | Description | | :--- | :--- | | **Working Voltage ($V_{dc}$)** | The maximum continuous DC voltage the part can handle without triggering. | | **Clamping Voltage ($V_c$)** | The maximum voltage the device will allow across it during a surge. | | **Peak Current ($I_{max}$)** | The maximum surge current (8/20μs waveform) the part can survive once. | | **Capacitance** | Important for high-speed data lines; MOVs usually have higher capacitance than TVS diodes. | --- ### 4. Typical Applications The MV23V2CG-R is commonly found in the following electronic environments: 1. **Power Supplies:** Protecting AC/DC input stages from line transients. 2. **Consumer Electronics:** Safeguarding motherboards and peripherals. 3. **Industrial Control:** Preventing damage to PLC inputs from inductive load switching. 4. **Telecommunications:** Protecting data lines from lightning-induced surges. --- ### 5. Circuit Implementation In a typical circuit, the Varistor is placed **in parallel** with the load it is intended to protect. ```mermaid graph LR Input[Voltage Input] --> Fuse[Fuse] Fuse --> MOV{MV23V2CG-R} MOV --> Ground Fuse --> Load[Sensitive Circuitry] Load --> Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the specific clamping voltage and peak current ratings for this part?
    • ⤷ How does this MOV compare to a TVS diode in terms of performance?
    • ⤷ What is the physical package size (EIA code) for the MV23V2CG-R?