データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV24T2AD-R

  • AI
    The **MV24T2AD-R** is a specific model of a **DC-DC Converter** module, typically manufactured by companies like Minmax Technology. These components are designed to regulate voltage in industrial and telecommunications applications. --- ## 1. Core Technical Specifications The part number follows a standard nomenclature for power modules. Below are the primary specifications for this component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 36V DC (24V Nominal) | | **Output Voltage** | Dual ±12V or ±15V (Model variant dependent) | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000V DC (I/O Isolation) | | **Package Style** | DIP-24 (Dual In-line Package) | | **Efficiency** | ~75% to 80% | --- ## 2. Key Electronic Features The MV24T2AD-R is built with several internal sub-circuits to ensure stability and safety: ### A. Galvanic Isolation This part provides **3000V DC isolation**. This means the input and output circuits are physically and electrically separated by a transformer barrier, protecting sensitive downstream components from high-voltage surges on the input side. ### B. Voltage Regulation As a regulated converter, it maintains a constant output voltage even if the input voltage fluctuates between 18V and 36V. This is achieved through an internal high-frequency switching regulator. ### C. Protection Mechanisms * **Short Circuit Protection:** Most models in this series include continuous short-circuit protection with automatic recovery (Hiccup mode). * **EMI Filtering:** Internal capacitors and inductors reduce electromagnetic interference to meet industrial standards (like EN55022). --- ## 3. Pin Configuration (DIP-24) While you should always consult the specific datasheet, a standard DIP-24 DC-DC converter usually follows this layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -Vin | Negative Input | | 9 | NC | No Connection (Common for Dual) | | 11 | -Vout | Negative Output | | 14 | +Vout | Positive Output | | 16 | Common | Output Common/Ground | | 22, 23 | +Vin | Positive Input | --- ## 4. Typical Applications * **Industrial Controls:** Powering sensors and PLC modules where input voltage from batteries or unregulated supplies varies. * **Data Communication:** Providing clean power to RS-232/RS-485 transceivers. * **Distributed Power Systems:** Used to provide local voltage regulation on a PCB to avoid noise across the entire board.
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters?
    • ⤷ How do I calculate the heat dissipation requirements for this module?
    • ⤷ Can this module be used in parallel to increase current output?