データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV28T1AD-R

  • AI
    ### Overview of MV28T1AD-R The **MV28T1AD-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)**. These parts are fundamental in radio frequency (RF) designs for generating stable frequencies that can be tuned by varying a DC input voltage. --- ### Key Technical Specifications Based on standard industry parameters for this series, here is a breakdown of its electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Frequency Range** | Usually operates in the UHF or S-Band (specific MHz/GHz range varies by sub-batch) | | **Tuning Voltage** | Typically 0V to 5V or 0.5V to 4.5V | | **Supply Voltage (Vcc)** | 3.0V to 5.0V DC | | **Output Power** | Typically +3 to +7 dBm | | **Package Style** | Surface Mount Device (SMD) | | **Phase Noise** | Optimized for low noise performance | --- ### Internal Electronic Architecture The MV28T1AD-R consists of several critical internal sections: 1. **Resonator Circuit:** The heart of the part, often using a varactor diode to change capacitance and thus shift the resonant frequency. 2. **Active Transistor Stage:** Provides the gain necessary to sustain oscillation. 3. **Buffer Amplifier:** Isolates the oscillator from the output load to prevent "frequency pulling" (frequency shifts caused by changes in the external circuit). 4. **Decoupling Capacitors:** Integrated to filter noise from the power supply lines. --- ### Common Applications This part is primarily found in communication hardware where precise frequency synthesis is required: * **Wireless Infrastructure:** Base stations and repeaters. * **Satellite Communications:** Local oscillator (LO) stages. * **Test Equipment:** Signal generators and spectrum analyzers. * **RF Transceivers:** Used in the frequency conversion process (Up-conversion/Down-conversion). --- ### Example Circuit Integration When integrating this part into a PCB, the following basic connections are required: ```c // Typical Pinout Mapping Pin 1: V_tune (Input DC voltage to control frequency) Pin 2: GND (Common Ground) Pin 3: RF_Out (The generated high-frequency signal) Pin 4: Vcc (Supply voltage, usually +5V) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the MV28T1AD-R model?
    • ⤷ How does the phase noise of this VCO compare to standard crystals?
    • ⤷ What are the recommended layout practices to reduce RF interference for this part?