データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV28T2CG-R

  • AI
    ## Analysis of the MV28T2CG-R Component The **MV28T2CG-R** is an electronic component primarily associated with **RF (Radio Frequency) and Microwave** applications, specifically within the category of **Voltage Controlled Oscillators (VCOs)** or specialized telecommunications modules. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Z-Communications or similar RF component specialists), this part typically adheres to the following profile: | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Package Type** | Surface Mount Device (SMD) | | **Primary Function** | Generating a specific frequency range based on input voltage | | **Application** | Cellular base stations, Satellite communications, Radar systems | --- ### 2. Electronic Characteristics The "Electronic Parts" aspect of this component involves several key parameters that engineers use to integrate it into a circuit: #### A. Frequency Range The device is designed to operate within a specific band. For the **MV28** series, this often targets the **S-band or higher UHF frequencies** (e.g., 2000 MHz to 3000 MHz range), though exact limits depend on the specific revision suffix. #### B. Tuning Voltage The oscillation frequency is adjusted by changing the DC voltage applied to the tuning pin. * **Typical Range:** 0V to 5V or 0V to 12V. * **Linearity:** High linearity is preferred to simplify the Phase-Locked Loop (PLL) design. #### C. Phase Noise This is a critical "electronic part" metric for this component. It defines the stability of the signal. Lower phase noise results in clearer communication channels and less interference. #### D. Output Power The component typically outputs a signal level measured in **dBm** (e.g., +3 dBm to +7 dBm), designed to drive a mixer or a power amplifier. --- ### 3. Pinout and Integration Integration of the MV28T2CG-R usually involves the following connections: 1. **Vcc (Supply Voltage):** Provides the power necessary for the internal transistors to oscillate. 2. **Vt (Tuning Voltage):** The input signal that determines the output frequency. 3. **RF Out:** The high-frequency signal output. 4. **GND (Ground):** Essential for thermal dissipation and signal integrity. --- ### 4. Application Circuit Example Below is a conceptual representation of how this part is integrated into a system: ```mermaid graph LR A[DC Power Supply] -->|Vcc| B(MV28T2CG-R VCO) C[PLL Controller] -->|Tuning Voltage| B B -->|RF Signal| D[Power Amplifier] B --- E[Ground Plane] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range and tuning sensitivity for the MV28T2CG-R?
    • ⤷ Which manufacturers currently produce the MV28T2CG-R or its direct equivalents?
    • ⤷ What are the thermal management requirements for mounting this SMD component?