MV28V2AD-R
AI

The **MV28V2AD-R** is a high-precision, low-profile Oven Controlled Crystal Oscillator (OCCO/OCXO) manufactured by **CTS Electronic Components**. It is specifically designed for applications requiring extreme frequency stability over temperature variations.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the MV28V2AD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Frequency** | 10.0 MHz (Standard for this series) |
| **Supply Voltage (Vcc)** | +12.0 VDC |
| **Output Type** | CMOS |
| **Frequency Stability** | ±5.0 ppb (parts per billion) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Style** | Through-hole (Euro-package compatible) |
| **Package Size** | 25.4mm x 22.0mm x 12.1mm |
---
### ### Key Electronic Features
1. **Oven Control Technology:**
The device contains an internal heating element and a thermal control circuit that maintains the quartz crystal at a constant "turnover" temperature. This minimizes frequency drift caused by external ambient temperature changes.
2. **SC-Cut Crystal:**
It typically utilizes an **SC-cut (Stress Compensated)** crystal. This cut offers superior aging characteristics and lower sensitivity to thermal and mechanical shock compared to standard AT-cut crystals.
3. **Frequency Tuning (Voltage Control):**
The "V" in the part number often indicates a control voltage pin (V_c), allowing for fine-tuning or "pulling" of the output frequency to compensate for long-term aging or to synchronize with a GPS/GNSS reference clock.
4. **Low Phase Noise:**
Engineered for high-speed telecommunications, the electronic circuitry is optimized to provide a very "clean" signal with minimal jitter.
---
### ### Typical Applications
The MV28V2AD-R is used in infrastructure-grade hardware where timing precision is critical:
* **Base Stations:** 4G/5G LTE small cells and macro stations.
* **Test & Measurement:** High-end frequency counters and signal generators.
* **Network Synchronization:** Stratum 3 and SyncE (Synchronous Ethernet) applications.
* **Satellite Communications:** Ground station equipment.
---
### ### Pinout Configuration (Standard OCXO)
While you should always consult the specific CTS datasheet, the standard electronic layout for this package usually follows this logic:
```text
Pin 1: Control Voltage (Vc)
Pin 2: Reference Voltage (Vref) or No Connect
Pin 3: Supply Voltage (Vcc)
Pin 4: RF Output (CMOS)
Pin 5: Case Ground
```
- ⤷What is the power consumption of this OCXO during steady-state operation?
- ⤷ How does the SC-cut crystal in this model compare to an AT-cut crystal in terms of stability?
- ⤷ What are the recommended soldering profiles for this through-hole component?