データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV62T3CD-R

  • AI
    The **MV62T3CD-R** is a specific technical component typically associated with high-precision electronics, often identified as a **Temperature Compensated Crystal Oscillator (TCXO)** or a specialized **Clock Module** used in telecommunications and navigation equipment. --- ## 1. Core Technical Specifications Based on the nomenclature typical for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Component Type** | TCXO / VCTCXO | Temperature Compensated Crystal Oscillator | | **Output Frequency** | Variable (often 10MHz - 40MHz) | The base clock frequency provided to the PCB. | | **Supply Voltage** | 3.3V or 5.0V | Standard logic levels for digital circuits. | | **Stability** | ±0.5 ppm to ±2.5 ppm | High precision across a wide temperature range. | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal durability. | | **Package Style** | Surface Mount (SMD) | Compact footprint for modern circuit boards. | --- ## 2. Key Internal Components The MV62T3CD-R is not a single part but an integrated assembly. Its internal electronic architecture includes: 1. **Quartz Crystal:** The heart of the part, providing the mechanical resonance required for frequency generation. 2. **Compensation Network:** A specialized circuit (often involving a thermistor) that adjusts the voltage to counteract frequency drifts caused by temperature changes. 3. **Varactor Diode:** Used in the "V" (Voltage Controlled) variants to allow fine-tuning of the output frequency via an external control voltage. 4. **Buffer Amplifier:** Ensures the output signal is strong enough to drive downstream components without distorting the waveform. --- ## 3. Circuit Application When integrating this part into a design, engineers typically focus on these three areas: ### A. Power Decoupling To maintain stability, the `Vcc` pin must be bypassed with ceramic capacitors (typically **0.1µF** and **10µF**) to filter out high-frequency noise that could cause jitter. ### B. Load Capacitance The output pin is sensitive to the load. Most designs require a **15pF** load. If the trace is too long, parasitic capacitance may shift the frequency. ### C. Control Voltage (Pin 1) If this is the VCTCXO variant, Pin 1 is used for "Electronic Frequency Control" (EFC). Applying a small voltage here allows the system to sync with a GPS or Master Clock signal. --- ## 4. Common Use Cases * **GPS/GNSS Receivers:** Providing a stable time base for satellite signal acquisition. * **Base Stations (LTE/5G):** Maintaining synchronization between cellular towers. * **Network Switches:** Ensuring high-speed data packets are timed correctly to prevent collisions.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the '3CD-R' sub-variant?
    • ⤷ Can this component be substituted with a standard XO (Crystal Oscillator)?
    • ⤷ What are the soldering profile requirements for the MV62T series?