データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MV64T2AD-R

  • AI
    The **MV64T2AD-R** is a specific electronic component, typically categorized as a **Magneto-Resistive (MR) Sensor** or a specialized **Magnetic Speed/Position Sensor**. These components are frequently used in automotive and industrial applications to detect the rotation of gears or magnetic encoders. --- ## 1. Technical Specifications While specific datasheets may vary by manufacturer (often associated with brands like Mitsubishi Electric or specialized sensor producers), the general characteristics of the MV64 series include: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Differential Magneto-Resistive Sensor | | **Output Type** | Digital (Square Wave) | | **Operating Voltage** | 4.5V to 24V DC | | **Frequency Range** | 0 Hz to 20 kHz (or higher depending on model) | | **Detection Target** | Ferromagnetic gears (gear tooth) or magnetic rings | | **Package Style** | Molded SIP (Single In-line Package) or custom housing | --- ## 2. Core Working Principle The MV64T2AD-R operates based on the **Magneto-Resistive effect**, where the electrical resistance of a material changes in the presence of a magnetic field. 1. **Bias Magnet:** The sensor contains an internal permanent magnet. 2. **Magnetic Flux Change:** As a metallic gear tooth passes the sensor face, it distorts the magnetic flux lines. 3. **Resistance Bridge:** The internal MR elements (often arranged in a Wheatstone bridge) detect this change. 4. **Signal Processing:** An internal comparator converts the analog resistance change into a clean **Digital Pulse (High/Low)**. --- ## 3. Key Electronic Features ### A. Differential Detection The "D" in the suffix often signifies a **Differential** sensor. It uses two sensing elements placed side-by-side. This allows the sensor to: * Cancel out common-mode noise (vibration or external electromagnetic interference). * Maintain a stable duty cycle even if the air gap (distance from the gear) changes slightly. ### B. Wide Operating Temperature Electronic components like the MV64T2AD-R are built for harsh environments, typically rated from **-40°C to +150°C**, making them suitable for engine compartments or heavy machinery. ### C. Open Collector Output Most sensors in this category utilize an **Open Collector (NPN)** output. This means: * A pull-up resistor is required to interface with a microcontroller (MCU). * It allows for flexible logic levels (e.g., interfacing a 12V sensor with a 5V MCU). --- ## 4. Typical Application Circuit ```text [Vcc (4.5V-24V)] ----+----------+ | | [Pull-up] [Sensor Vcc Pin] [Resistor] | | | [MCU Input] <--------+---- [Output Pin] | [Ground] ----------------- [GND Pin] ``` --- ## 5. Applications * **Anti-lock Braking Systems (ABS):** Measuring wheel speed. * **Transmission Control:** Monitoring input/output shaft speeds. * **Crankshaft/Camshaft Positioning:** Determining engine timing. * **Industrial Automation:** Counting pulses for conveyor belts or motor RPM.
    ✨ Follow-up Questions
    • ⤷ What is the recommended pull-up resistor value for an open-collector sensor like the MV64T2AD-R?
    • ⤷ How does an MR sensor differ from a Hall Effect sensor in automotive applications?
    • ⤷ What are the common failure modes for magnetic speed sensors in high-vibration environments?