データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVH14V2AD-R

  • AI
    ## MVH14V2AD-R Overview The **MVH14V2AD-R** is a specific electronic component, typically categorized as a **Chip Varistor** (Metal Oxide Varistor or MOV) manufactured by companies like **Maruwa** or similar specialized electronic material producers. These components are designed to protect sensitive electronic circuits from high-voltage transients and Electrostatic Discharge (ESD). --- ### Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Rated Voltage (DC)** | 14V | | **Varistor Voltage** | ~16V to 22V (at 1mA DC) | | **Energy Absorption** | High Surge Resistance | | **Package / Case** | Surface Mount Device (SMD) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Functions 1. **Transient Voltage Suppression (TVS):** The primary role is to act as a "pressure relief valve" for electricity. When the voltage exceeds its threshold (14V-22V range), its resistance drops instantly, shunting the excess current to the ground. 2. **Bi-directional Protection:** Unlike standard diodes, these varistors provide symmetrical protection, meaning they can clamp both positive and negative voltage spikes. 3. **Capacitance Characteristics:** As a multilayer device, it possesses a specific internal capacitance. This can sometimes be utilized for EMI (Electromagnetic Interference) filtering in low-speed data lines. --- ### Internal Structure and Materials The "MVH" series typically utilizes a **Multilayer Ceramic** construction: * **Zinc Oxide (ZnO):** The primary semiconductor material used for the ceramic body. * **Internal Electrodes:** Multiple layers of conductive material (usually Silver or Palladium) stacked to increase the surface area, allowing for higher energy handling in a small footprint. * **Terminations:** Tin-plated end caps for easy soldering onto Printed Circuit Boards (PCBs). --- ### Common Applications * **Automotive Electronics:** Protecting sensors and ECUs from "load dump" or switching transients. * **Power Supply Lines:** Filtering noise and surges in DC-DC converters. * **I/O Port Protection:** Shielding USB, HDMI, or communication ports from ESD during user contact.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles recommended for the MVH14V2AD-R?
    • ⤷ How does the response time of this varistor compare to a TVS diode?
    • ⤷ What is the peak surge current rating for this specific part number?