データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVH63V2CD-R

  • AI
    The part number **MVH63V2CD-R** refers to a specific type of **Aluminum Electrolytic Capacitor**, typically manufactured by **United Chemi-Con (Nippon Chemi-Con)**. It belongs to the **MVH Series**, which is designed for high-temperature environments and surface mount (SMD) applications. --- ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details about the component's performance characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | MVH | High temperature, low impedance, vertical chip type | | **Voltage Rating** | 63V | Maximum DC working voltage (63 Volts) | | **Capacitance** | *Variable* | The "2CD" part typically indicates the value or size code | | **Tolerance** | ±20% | Standard industry tolerance (M) | | **Temp Range** | -40°C to +125°C | Designed for extreme automotive or industrial heat | | **Endurance** | 1,000 to 5,000 hrs | Rated life at maximum temperature (125°C) | --- ### 2. Key Features * **SMD Design:** It is a "V-Chip" type, meaning it is meant for automated SMT (Surface Mount Technology) assembly on PCBs. * **Low Impedance:** Optimized for high-frequency applications, helping to filter noise effectively. * **Automotive Grade:** Often complies with AEC-Q200 standards, making it vibration-resistant and reliable for engine control units (ECUs). * **RoHS Compliant:** Manufactured without lead or other restricted hazardous substances. --- ### 3. Common Applications Due to its high voltage rating (63V) and heat resistance, this part is commonly found in: 1. **Automotive Electronics:** Power steering modules, LED lighting drivers, and powertrain sensors. 2. **Industrial Power Supplies:** DC-DC converters and switching regulators. 3. **Telecommunications:** Base station power modules where ambient temperatures are high. --- ### 4. Dimensional and Mounting Info The suffix **-R** usually denotes the packaging format, specifically **Tape & Reel**. This is standard for high-speed pick-and-place machines in manufacturing. ```json { "Mounting_Type": "Surface Mount", "Package_Style": "Radial Cylindrical - SMD", "Polarity": "Polarized (indicated by a stripe on the top)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value of the 2CD code?
    • ⤷ Are there AEC-Q200 qualified alternatives to the MVH series?
    • ⤷ What is the physical case size dimensions for this specific part?