データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVP14Z2AD-R

  • AI
    The **MVP14Z2AD-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** or a **Plesiochronous Digital Hierarchy (PDH)** clock module, often manufactured by companies like CTS Electronic Components. It is primarily used in telecommunications and networking hardware for precision timing. --- ### 1. Component Specifications The following table outlines the technical characteristics typical for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Frequency Range** | Usually fixed (often 155.52 MHz or custom) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Package Style** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Stability** | ±20ppm to ±50ppm | --- ### 2. Key Electronic Features * **Voltage Control (V_c):** It allows the output frequency to be adjusted or "pulled" by changing the input control voltage. This is critical for Phase-Locked Loops (PLLs) to synchronize with external data streams. * **Differential Output:** Using LVPECL provides high-speed performance and excellent noise immunity, which is essential for high-frequency telecommunications. * **Low Jitter:** Designed to have minimal phase noise, ensuring that data transmission errors are kept to a minimum in high-speed fiber optic or Ethernet links. --- ### 3. Pin Configuration (Common Layout) While you should always consult the specific datasheet for your revision, the standard 6-pin layout for these VCXOs is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **V_c** | Control Voltage (Frequency Tuning) | | 2 | **E/D or NC** | Enable/Disable or No Connection | | 3 | **GND** | Case Ground | | 4 | **Output** | Main Clock Signal | | 5 | **Output Comp** | Complementary Clock Signal | | 6 | **V_cc** | Supply Voltage | --- ### 4. Applications The MVP14Z2AD-R is commonly found in: * **SONET/SDH Equipment:** For clock recovery and synchronization. * **Network Switches/Routers:** Providing the master heartbeat for data processing. * **Test and Measurement:** High-precision signal generators. * **Wireless Base Stations:** Frequency synthesis in RF front-ends.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency for the MVP14Z2AD-R model?
    • ⤷ How does the LVPECL output differ from LVDS in terms of power consumption?
    • ⤷ Can you provide a circuit diagram example for a PLL using this VCXO?