データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVP16Z2AD-R

  • AI
    The **MVP16Z2AD-R** is a high-performance, compact vacuum pump module often used in medical, laboratory, and industrial automation applications. It belongs to the **MVP (Micro Vacuum Pump)** series, specifically designed for DC-powered operation with precise pneumatic control. --- ## 1. Core Technical Specifications The model name indicates specific electronic and mechanical characteristics. Here is a breakdown of the technical profile: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC or 24V DC (Model dependent) | | **Motor Type** | Brushless DC (BLDC) Motor | | **Max Vacuum** | ~ -80 kPa to -85 kPa | | **Flow Rate** | ~ 16 Liters per Minute (LPM) | | **Control Interface** | PWM (Pulse Width Modulation) for Speed Control | | **Feedback** | FG (Frequency Generator) Signal for RPM Monitoring | --- ## 2. Key Electronic Components The "Electronic" side of this device refers to the integrated drive electronics that manage the motor and the interface with an external controller (like a PLC or Microcontroller). ### A. Integrated BLDC Driver Unlike simple brushed motors, the MVP16Z2AD-R contains an internal PCB. This driver handles: * **Commutation:** Electronic switching of the phases to spin the motor without carbon brushes. * **Thermal Protection:** Automatically throttles or shuts down the pump if the electronics overheat. ### B. Interface Wires (Typical 4-Wire Setup) The unit usually features a multi-wire connector for sophisticated control: 1. **VCC (Red):** Positive Power Supply. 2. **GND (Black):** Common Ground. 3. **PWM (White/Yellow):** Speed Control input. By varying the duty cycle (0-100%), you can adjust the vacuum strength. 4. **FG/Tacho (Blue/Green):** Output signal that pulses as the motor spins, allowing your system to verify the pump is actually running. ### C. Logic and Sensing The **"AD"** suffix often refers to specific design revisions or analog/digital interface optimizations, ensuring low electromagnetic interference (EMI) so the pump doesn't disrupt nearby sensitive medical sensors. --- ## 3. Application Use-Cases The electronic precision of this pump makes it suitable for: * **Medical Devices:** Wound therapy, suction units, and blood analysis. * **Industrial Pick-and-Place:** Small component handling via vacuum suction cups. * **Gas Sampling:** Precise air quality monitoring where a steady, controlled flow is required. --- ## 4. Maintenance & Reliability Because it uses a **Brushless** electronic design, the MVP16Z2AD-R boasts a significantly longer lifespan (often >10,000 hours) compared to brushed motors, as there are no physical brushes to wear out.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout colors for the MVP16Z2AD-R wiring?
    • ⤷ How do I calculate the PWM frequency required to control this pump?
    • ⤷ What is the maximum operating temperature for the integrated driver electronics?