データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVP23V2BD-R

  • AI
    The **MVP23V2BD-R** is a specific electronic component typically categorized as a **VCO (Voltage Controlled Oscillator)** module or a high-precision RF component used in telecommunications and signal processing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The MVP series is often associated with high-performance frequency control. These modules are designed to convert a tuning voltage into a specific radio frequency (RF) output. ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Microsemi* or *Vectron*), the general parameters for this class of part are: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Voltage Controlled Oscillator (VCO) | | **Package Style** | Surface Mount Device (SMD) / Module | | **Input Voltage (Vcc)** | Usually 3.3V or 5.0V DC | | **Tuning Voltage** | 0V to 5V (typical range) | | **Output Waveform** | Sinusoidal or CMOS/TTL compatible | | **Frequency Stability** | High (Low Phase Noise) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 3. Key Electronic Sub-parts Inside a module like the MVP23V2BD-R, the following electronic elements work in coordination: 1. **Varactor Diode:** The "heart" of the tuning circuit. It acts as a variable capacitor that changes its capacitance based on the input voltage, thereby shifting the oscillation frequency. 2. **Transistor Gain Stage:** An active element (BJT or FET) that provides the necessary energy to maintain continuous oscillation. 3. **Resonant Tank Circuit:** A combination of inductors (L) and capacitors (C) that determines the base center frequency. 4. **Buffer Amplifier:** Prevents external load changes (impedance shifts) from affecting the oscillator's stability and frequency (pulling). 5. **Voltage Regulator/Filter:** Internal bypass capacitors to reduce power supply noise, ensuring "clean" frequency output. --- ### 4. Part Number Breakdown (Nomenclature) * **MVP:** Series identifier (High-performance VCO/Oscillator). * **23V2:** Specific frequency range or design iteration code. * **BD:** Package type or temperature grade (e.g., Industrial vs. Commercial). * **-R:** Indicates **RoHS Compliant** (Lead-free) and often implies Tape & Reel packaging. ### 5. Common Applications * **Phase-Locked Loops (PLL):** Used as the local oscillator to lock onto a reference signal. * **Wireless Infrastructure:** Base stations and small cell signal generation. * **Test & Measurement:** Signal generators and spectrum analyzers. * **Clock Recovery:** Extracting timing information from high-speed data streams.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the MVP23V2BD-R?
    • ⤷ How does the phase noise of this component compare to standard crystal oscillators?
    • ⤷ What are the soldering requirements for the SMD package of this part?