データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVS12T2CJ-R

  • AI
    The **MVS12T2CJ-R** is a specific surface-mount electronic component typically categorized as a **Varistor** (specifically a Metal Oxide Varistor or MOV) or a specialized **Circuit Protection Device**. These components are designed to protect sensitive electronics from high-voltage transients or surges. Below is a breakdown of its technical characteristics and specifications. --- ### 1. General Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like Eaton/Bussmann or specialized ESD protection providers). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Multilayer Varistor (MLV) | | **Package Style** | Surface Mount Device (SMD) | | **Case Size** | Typically 1206 (3.2mm x 1.6mm) | | **Application** | ESD Protection, Surge Suppression, Overvoltage Protection | | **Termination** | Standard Lead-free (RoHS compliant) | --- ### 2. Key Electronic Parameters While specific values can vary slightly by manufacturer series, the "12T2" and "CJ" segments usually define the electrical limits: * **Working Voltage ($V_{dc}$):** This is the maximum continuous DC voltage the device can withstand without "clamping" or conducting. For this series, it is often rated for low-voltage rails (e.g., 12V systems). * **Clamping Voltage:** The voltage at which the device becomes highly conductive to bypass a surge to the ground. * **Capacitance:** MLVs have an inherent capacitance. In the "CJ" variant, this is often optimized to ensure signal integrity in data lines while providing protection. * **Peak Current:** The maximum pulse current (usually 8/20 µs waveform) the part can handle once. --- ### 3. Internal Construction The MVS series utilizes a multilayer construction to maximize the active surface area within a small footprint: 1. **Zinc Oxide Layer:** The primary semiconductor material that reacts to voltage changes. 2. **Internal Electrodes:** Stacked layers that distribute the surge current evenly. 3. **End Terminations:** Nickel/Tin plated barriers for reliable soldering onto Printed Circuit Boards (PCBs). --- ### 4. Typical Applications These parts are commonly found in: * **Automotive Electronics:** Protection for sensors and infotainment modules. * **Consumer Electronics:** Handheld devices, laptops, and tablets. * **Industrial I/O:** Protecting RS-232, RS-485, or USB ports from static discharge (ESD). --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **MVS** | Multilayer Varistor Series | | **12** | Often refers to Case Size (1206) or Working Voltage | | **T2** | Packaging specification (e.g., Tape and Reel) | | **CJ** | Tolerance or Material classification | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the MVS12T2CJ-R?
    • ⤷ Can this component be used for high-speed data line protection?
    • ⤷ What are the recommended soldering profiles for this SMD package?