データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MVS24V2CJ-R

  • AI
    The **MVS24V2CJ-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)**. These components are essential in power electronics for circuit protection against transient voltage spikes (surges). --- ### 1. Component Overview The MVS series is designed to handle high energy and protect sensitive equipment from lightning, inductive load switching, and other electrical disturbances. | Attribute | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Function** | Voltage Surge Suppression | | **Installation Type** | Surface Mount (SMD) or Through-Hole (depending on specific series package) | | **Common Application** | Power supplies, Industrial controllers, Telecom equipment | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (often associated with brands like *Microchip* or *Maida*), the "24V" designation usually refers to the operating voltage. * **Continuous Voltage (AC/DC):** Typically rated for around 24V systems. It remains in a high-impedance state during normal operation. * **Varistor Voltage:** The point at which the device becomes conductive to "clamp" the voltage. * **Clamping Voltage:** The maximum voltage the device will allow across it during a surge event. * **Peak Current:** The maximum pulse current (usually in Amps) the device can withstand for a short duration (e.g., 8/20µs pulse). --- ### 3. How It Works The MVS24V2CJ-R acts like a **voltage-dependent resistor**: 1. **Normal State:** Under the rated 24V, the resistance is extremely high, acting as an open circuit. 2. **Surge Event:** When a voltage spike exceeds the threshold, the resistance drops instantly. 3. **Shunting:** The excess energy is diverted (shunted) to the ground or away from sensitive components. 4. **Recovery:** Once the voltage returns to normal levels, the device returns to its high-resistance state. --- ### 4. Key Features * **Fast Response Time:** Responds to transients in nanoseconds. * **High Energy Absorption:** Capable of handling significant Joules of energy. * **Compact Design:** Designed for PCB integration where space is a priority. * **Reliability:** Provides long-term protection for the lifespan of the device, provided it isn't hit by a surge exceeding its maximum rating. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current rating for the MVS24V2CJ-R?
    • ⤷ What are the recommended soldering profiles for this SMD component?
    • ⤷ How does this MOV compare to a TVS diode for 24V protection?