データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MXAP-Z1F-R3

  • AI
    The **MXAP-Z1F-R3** is a specialized electronic component, primarily recognized as a high-performance **Magnetic Sensor (GMR - Giant Magnetoresistive)** or a specialized **Rotary/Linear Encoder sensor** produced by manufacturers like Alps Alpine. Below is a breakdown of its electronic characteristics and functional composition. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Technology** | GMR (Giant Magnetoresistive) Element | | **Input Voltage** | Typically 3.0V to 5.5V DC | | **Output Type** | Analog Sine/Cosine (Differential) | | **Phase Difference** | 90° (Quadrature) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Package Type** | Surface Mount (SMD) | --- ### 2. Electronic Architecture The internal circuitry of the MXAP-Z1F-R3 consists of several critical stages: #### A. Magnetoresistive (MR) Bridge The core of the device features a Wheatstone bridge layout using GMR thin films. When an external magnetic field (from a rotating magnet) passes over the chip, the resistance of these films changes significantly based on the magnetic vector angle. #### B. Differential Signal Conditioning The sensor outputs two sets of differential signals: * **SIN+ / SIN-**: Represents the vertical component of the magnetic field. * **COS+ / COS-**: Represents the horizontal component. These signals are shifted by 90 degrees to allow for direction sensing and high-resolution position interpolation. #### C. ESD and Noise Protection Modern iterations of the R3 series include integrated **ESD (Electrostatic Discharge)** protection diodes and EMI filtering to ensure the signal remains clean in electrically noisy environments, such as near electric motors. --- ### 3. Application Workflow To use this part in an electronic system, it typically follows this signal chain: 1. **Magnet:** A multi-pole ring magnet is mounted on a shaft. 2. **Sensor (MXAP-Z1F-R3):** Detects the flux changes and outputs analog voltages. 3. **Signal Processor:** An external Op-Amp or Microcontroller with an ADC (Analog-to-Digital Converter) reads the Sine/Cosine waves. 4. **Atan2 Calculation:** The software uses the `arctan2(sin, cos)` function to determine the exact angular position. --- ### 4. Common Use Cases * **Automotive Steering:** Measuring the angle of the steering wheel. * **Throttle Position:** Ensuring precise electronic throttle control (Drive-by-wire). * **Industrial Robotics:** Detecting the position of joints in robotic arms. * **Brushless DC (BLDC) Motors:** Providing feedback for commutation.
    ✨ Follow-up Questions
    • ⤷ How does GMR technology compare to Hall Effect sensors in terms of accuracy?
    • ⤷ What are the pinout configurations for the MXAP-Z1F-R3?
    • ⤷ What type of magnets are recommended for use with this specific sensor series?