データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MXLC-S2V2-R

  • AI
    The **MXLC-S2V2-R** is a specific electronic component typically identified as a high-density, high-speed connector assembly, often used in specialized industrial, automotive, or telecommunications hardware. It is part of a series designed for signal integrity and space-saving on Printed Circuit Boards (PCBs). ### Technical Specifications & Characteristics | Feature | Description | | :--- | :--- | | **Component Type** | Vertical PCB Header / Connector | | **Configuration** | SMT (Surface Mount Technology) or Press-fit (depending on variant) | | **Orientation** | Vertical (Straight) | | **Pin/Contact Pitch** | High-density spacing (typically 1.27mm or 2.0mm) | | **Plating** | Selective Gold (Au) over Nickel (Ni) for enhanced conductivity | | **RoHS Status** | Compliant (Lead-free) | --- ### Core Electronic Parts & Materials The assembly of the MXLC-S2V2-R consists of several critical sub-components designed to maintain electrical performance under stress: 1. **Housing (Insulator):** * **Material:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic. * **Function:** Provides high dielectric strength and maintains structural integrity during reflow soldering processes. 2. **Contact Pins (Conductive Path):** * **Material:** Copper Alloy (typically Phosphor Bronze or Beryllium Copper). * **Function:** Ensures high conductivity and spring resilience to maintain a stable electrical connection over multiple mating cycles. 3. **Shielding (EMI/RFI):** * **Material:** Stainless steel or plated brass. * **Function:** Minimizes Electromagnetic Interference (EMI) to ensure signal integrity in high-frequency applications. 4. **Solder Tabs/Pegs:** * **Function:** Provides mechanical retention to the PCB, preventing the connector from being ripped off the board during mating/unmating. --- ### Typical Applications Due to its "V2" (Version 2) and "R" (Revised/RoHS) nomenclature, this part is usually found in: * **Data Servers:** For high-speed backplane data transmission. * **Automotive ECU Modules:** Where vibration resistance and compact footprints are mandatory. * **Industrial Automation:** Connecting PLC modules or sensor arrays.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current and voltage ratings for the MXLC-S2V2-R?
    • ⤷ Can you provide the footprint dimensions for PCB layout design?
    • ⤷ Is this connector compatible with standard automated pick-and-place machines?