データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MZS-16B-R

  • AI
    The **MZS-16B-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Chint** or other industrial component suppliers. It is designed to act as an electrically operated switch in automation and control circuits. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the MZS-16B-R: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1C (1 Changeover / SPDT) | | **Rated Load (Resistive)** | 16A at 250VAC / 30VDC | | **Max Switching Power** | 4000VA / 480W | | **Coil Voltages (Available)** | 12VDC, 24VDC, 110VAC, 230VAC | | **Dielectric Strength** | 5,000VAC (between coil and contacts) | | **Mounting Type** | PCB Mount or Socket Plug-in | | **Operating Temperature** | -40°C to +70°C | --- ## 2. Key Internal Components The relay consists of several critical electronic and mechanical parts that allow it to function: ### A. The Electromagnetic Coil The heart of the relay. When current flows through this copper winding, it creates a magnetic field. In the **MZS-16B-R**, these coils are designed for high sensitivity to minimize power consumption. ### B. Contact System (Silver Alloy) The contacts are the parts that physically open or close the circuit. * **Material:** Usually made of AgSnO2 (Silver Tin Oxide) or AgNi (Silver Nickel). * **Capacity:** Rated for **16 Amps**, making it suitable for high-inrush current loads like motors or heaters. ### C. Mechanical Armature and Spring * **Armature:** A moving metal piece attracted by the coil's magnetism. * **Return Spring:** Ensures the contacts return to their "Normal" state once power is removed from the coil. --- ## 3. Circuit Symbol and Pinout The MZS-16B-R follows standard industrial pin layouts. Below is a representation of how the pins are logically connected: ```text (Coil Pins) [ A1 ] [ A2 ] | | +----|-----|----+ | | | /---[ NC ] | (Normally Closed) [ COM ] | (Common Terminal) | \---[ NO ] | (Normally Open) | | +---------------+ ``` --- ## 4. Common Applications Due to its high switching capacity (16A) and small footprint, the MZS-16B-R is used in: * **PLC Output Buffering:** Protecting PLC outputs from high-voltage spikes. * **Home Automation:** Controlling lighting circuits and water heaters. * **Industrial Panels:** Interfacing between control signals and power actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 12VDC and 230VAC coil versions of this relay?
    • ⤷ Can the MZS-16B-R be used to control a 3-phase motor directly?
    • ⤷ What is the expected electrical life cycle (number of operations) for this model?