データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • N3-I-R

  • AI
    The **N3-I-R** typically refers to a specific model of an **Industrial IoT Gateway** or an **Industrial Controller** (often associated with brands like Elit-Innotech or similar industrial automation providers). These devices are designed to bridge the gap between field sensors and cloud/server networks. Below is a breakdown of the electronic components and technical architecture found within such a device. --- ### 1. Core Processing Unit At the heart of the N3-I-R is the processing core that handles protocol conversion and data logging. | Component | Description | | :--- | :--- | | **MCU/CPU** | Usually an ARM-based processor (e.g., Cortex-M4 or A-series) optimized for low power and high reliability. | | **Memory (RAM)** | Typically 256MB to 512MB for buffering data during network outages. | | **Storage (Flash)** | Internal eMMC or SPI Flash for storing firmware and system logs. | --- ### 2. Connectivity & Communication Interfaces The "N3" series is defined by its ability to interface with multiple industrial standards. * **Wireless Modules:** * **4G/LTE/NB-IoT:** Built-in cellular modem for remote data transmission. * **Wi-Fi/Bluetooth:** For local configuration via mobile apps or wireless sensor mesh. * **Wired Ports:** * **RS485/RS232:** Serial ports using Modbus RTU protocols to talk to PLCs or Meters. * **Ethernet (RJ45):** For WAN/LAN connectivity and Modbus TCP support. * **I/O Terminals:** * **Digital Inputs (DI):** For dry contact or pulse counting. * **Analog Inputs (AI):** Usually 4-20mA or 0-10V for pressure/temperature sensors. --- ### 3. Power Management Circuitry Industrial environments have "dirty" power, so the internal electronics include robust protection. ```mermaid graph LR A[DC Power Input 9-36V] --> B[Overvoltage Protection] B --> C[DC-DC Step Down Converter] C --> D[Isolated Power Rail 3.3V/5V] D --> E[System Logic] ``` * **Isolation:** Optocouplers are used to isolate the communication ports from the main CPU to prevent damage from ground loops. * **Protection:** TVS diodes and fuses to guard against ESD (Electrostatic Discharge) and surges. --- ### 4. Physical Construction The "R" in the suffix often denotes **Rail Mounting** (DIN-Rail) capabilities, which influences the mechanical design of the electronic housing. * **Antenna Ports:** SMA connectors for external high-gain antennas. * **Status Indicators:** LED array for Power, System Status, Net Link, and Data Tx/Rx. * **SIM Slot:** Protected slot for industrial-grade SIM cards. --- ### Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 9V - 36V DC | | **Protocols** | Modbus TCP/RTU, MQTT, HTTP, JSON | | **Operating Temp** | -40°C to +85°C | | **Mounting** | Standard 35mm DIN-Rail |
    ✨ Follow-up Questions
    • ⤷ What is the specific procedure for configuring the Modbus settings on an N3-I-R gateway?
    • ⤷ Does the N3-I-R support edge computing scripts like Python or Lua?
    • ⤷ What are the primary differences between the N3-I-R and the N3-I-W models?