データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • N46-R

  • AI
    The **N46-R** typically refers to a high-precision, sub-miniature photoelectric sensor series (often associated with brands like **Contrinex** or specialized industrial automation suppliers). These parts are designed for space-critical applications requiring robust sensing capabilities. --- ### 1. Key Electronic Components & Specifications The N46-R series is characterized by its miniature housing and high-frequency switching. Below are the primary electronic specifications: | Feature | Specification (Standard N46-R) | | :--- | :--- | | **Supply Voltage** | 10 ... 30 VDC | | **Output Type** | PNP or NPN (Open Collector) | | **Switching Frequency** | Up to 1000 Hz | | **Current Consumption** | $\leq$ 15 mA | | **Output Current** | Max 100 mA | | **Short-circuit Protection** | Built-in (Pulsed) | | **Reverse Polarity Protection** | Built-in | --- ### 2. Functional Electronic Design #### A. The Emitter and Receiver The sensor operates on the **Reflex (Retro-reflective)** principle (indicated by the "R" in the suffix). * **Light Source:** Usually a visible Red LED or Infrared LED. * **Receiver:** A high-speed photodiode integrated with an ASIC (Application-Specific Integrated Circuit) to filter out ambient light interference. #### B. Output Stage The electronics use a solid-state switching output. You will typically find three wires: 1. **Brown (BN):** Positive Supply ($V_{CC}$) 2. **Blue (BU):** Ground (0V) 3. **Black (BK):** Switching Output (Signal) #### C. Potentiometer/Adjustment Most N46-R models feature a miniature multi-turn potentiometer on the back of the housing. This electronically adjusts the **threshold voltage** of the comparator circuit, effectively changing the sensing distance. --- ### 3. Wiring Configuration Depending on the specific logic (PNP vs NPN), the load connection differs: ```markdown PNP Configuration (Source): [ +V ]-------(Brown) [Load]-------(Black) [ 0V ]-------(Blue) <-- Load connects between Black and Blue NPN Configuration (Sink): [ +V ]-------(Brown) <-- Load connects between Brown and Black [Load]-------(Black) [ 0V ]-------(Blue) ``` --- ### 4. Environmental Protection The electronic parts are encapsulated in high-grade resin, providing: * **IP67 Rating:** Protection against water ingress and dust. * **EMI/RFI Shielding:** The internal PCB is designed to resist electromagnetic interference from nearby motors or relays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PNP and NPN output versions of the N46-R?
    • ⤷ How do you adjust the sensitivity of the N46-R sensor for transparent objects?
    • ⤷ What is the maximum sensing range of the N46-R retro-reflective model?