データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NA-RTSM

  • AI
    The **NA-RTSM** (Network-Attached Real-Time Sensor Module) is a specialized hardware configuration used in industrial automation and remote sensing. Its primary function is to bridge the gap between physical environmental data and network-based monitoring systems. --- ## 1. Core Electronic Components The architecture of an NA-RTSM is typically divided into four functional blocks: | Component Type | Specific Parts | Function | |:---|:---|:---| | **Control Unit** | MCU (e.g., STM32) or FPGA | Processes sensor logic and manages data flow. | | **Communication** | Ethernet Controller / PHY Chip | Handles TCP/IP stack and network connectivity. | | **Input Interface** | ADC (Analog-to-Digital Converter) | Converts voltage/current from sensors into digital bits. | | **Power Management** | DC-DC Buck Converter / PoE Module | Regulates power (often 24V industrial or 48V PoE). | --- ## 2. Sensor Integration (Analog & Digital) The electronic design allows for multiple input types to ensure versatility in real-time monitoring: ### Analog Inputs * **Operational Amplifiers (Op-Amps):** Used for signal conditioning to ensure the sensor output matches the ADC's input range. * **Isolation Transformers:** Protects the internal circuitry from high-voltage spikes on the sensor lines. ### Digital Communication Protocols The electronic board usually features transceivers for: * **RS-485 / Modbus:** For long-distance industrial communication. * **I2C / SPI:** For short-distance communication with onboard environmental sensors (Temperature, Humidity). --- ## 3. Connectivity & Real-Time Performance To achieve "Real-Time" status (the **RT** in RTSM), the electronics must minimize latency: 1. **Hardware Interrupts:** The MCU is programmed to prioritize sensor data acquisition over network tasks. 2. **Buffer Memory:** High-speed SRAM is used to temporarily store data bursts before they are packetized for the network. 3. **PoE (Power over Ethernet):** Many modern NA-RTSM units utilize the **IEEE 802.3af/at** standard, allowing a single RJ45 cable to provide both data and power. --- ## 4. Protection Circuitry Given that these modules are often deployed in harsh environments, the following components are essential: * **TVS Diodes:** For Transient Voltage Suppression (Electrostatic Discharge protection). * **Optocouplers:** To provide galvanic isolation between the sensor field and the network logic. * **Thermal Fuses:** To prevent board failure during overcurrent events.
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for an NA-RTSM module?
    • ⤷ How does the NA-RTSM handle data synchronization across a network?
    • ⤷ Which microcontrollers are most commonly used in these sensor modules?