データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NB2-R

  • AI
    ## NB2-R Electronic Components Overview The **NB2-R** typically refers to a specific series of miniature circuit breakers (MCBs) or auxiliary contact modules used in industrial automation, often manufactured by brands like **CHINT**. These devices are essential for circuit protection and control. --- ### Core Electronic & Mechanical Components The NB2-R (specifically the auxiliary contact or the R-series breaker) consists of several internal parts designed for safety and signal feedback. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Bimetallic Strip** | Provides thermal protection against overloads. | Thermostatic Bimetal | | **Electromagnetic Coil** | Provides instantaneous protection against short circuits. | Copper Winding | | **Arc Chute** | Extinguishes the electric arc generated during disconnection. | Steel plates/Insulators | | **Auxiliary Contacts** | Sends signals (ON/OFF) to a PLC or control system. | Silver Alloy (AgNi or AgSnO2) | | **Terminal Blocks** | Connection points for electrical wiring. | Galvanized Steel or Copper | --- ### Key Technical Specifications When dealing with NB2-R components, the following electronic parameters are standard: * **Rated Voltage (Ue):** 230V/400V AC. * **Rated Current (In):** Ranges from 1A to 63A. * **Tripping Curve:** Typically Type B, C, or D (determines how fast it reacts to surges). * **Breaking Capacity:** Often rated at 6kA or 10kA. ### Operational Logic 1. **Detection:** The bimetallic strip heats up under minor overload, or the solenoid activates during a short circuit. 2. **Mechanical Trigger:** The internal linkage trips the switch handle. 3. **Feedback (The "R" Feature):** In many NB2-R configurations, the "R" indicates a remote or auxiliary contact set. This allows the breaker to communicate its status to a remote monitoring panel. --- ### Safety and Compliance The components are housed in **Flame-retardant Plastic (VO Grade)** to prevent fire hazards during internal failures. They must comply with international standards such as **IEC/EN 60898-1**.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Type C and Type D tripping curve in NB2-R breakers?
    • ⤷ How do you wire the auxiliary contacts of an NB2-R to a PLC?
    • ⤷ Can the NB2-R be used for DC circuit protection?