データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NCSS10-R005TRF

  • AI
    The **NCSS10-R005TRF** is a high-precision, surface-mount (SMD) current sensing resistor. It is designed specifically for power management circuits where measuring current flow with minimal energy loss is critical. --- ## 1. Technical Specifications Below is a breakdown of the core electronic characteristics of the NCSS10-R005TRF: | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | | **Tolerance** | ±1% | | **Power Rating** | 1.0 Watt | | **Package Size** | 1206 (3216 Metric) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Metal Foil / Metal Plate | --- ## 2. Key Electronic Features ### Low Resistance (Shunt) With a resistance of only **5 milliohms**, this part acts as a "shunt." It allows large currents to pass through while creating a very small, measurable voltage drop ($V = I \times R$) that can be read by an Analog-to-Digital Converter (ADC) or a current-sense amplifier. ### Metal Foil Construction Unlike standard thick-film resistors, the NCSS series uses a metal element. This provides: * **High Stability:** Maintains its 0.005 $\Omega$ value even under thermal stress. * **Low Inductance:** Crucial for high-frequency switching power supplies. ### Power Dissipation Rated at **1 Watt**, this small 1206 component can handle a continuous current of approximately **14.1 Amps** ($\sqrt{P/R}$) before exceeding its thermal limits, assuming proper PCB heat sinking. --- ## 3. Typical Applications The NCSS10-R005TRF is commonly integrated into the following electronic systems: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for over-current protection. 3. **Motor Control:** Detecting phase currents to manage torque and speed. 4. **Power Inverters:** Measuring output current in renewable energy systems. --- ## 4. Implementation Example In a typical circuit, the resistor is placed in series with the load. The voltage drop is measured across its terminals: ```cpp // Example: Calculating current from voltage drop across NCSS10-R005TRF float resistance = 0.005; // 5 mOhms float voltageDrop = readADC(); // Voltage measured across the resistor float current = voltageDrop / resistance; // If voltageDrop = 0.025V (25mV), then: // Current = 0.025 / 0.005 = 5 Amps ```
    ✨ Follow-up Questions
    • ⤷ What are the PCB layout recommendations for the NCSS10-R005TRF to ensure accuracy?
    • ⤷ How does the TCR of 100 ppm/°C affect measurements at high temperatures?
    • ⤷ Can this resistor be used in a Kelvin (4-wire) sensing configuration?