NET-35C
AI

The **NET-35C** is a triple-output switching power supply manufactured by Mean Well. It is widely used in industrial automation, telecommunications, and hobbyist electronics due to its compact size and high reliability.
---
## 1. Technical Specifications
The NET-35C is designed to convert AC line voltage into three distinct DC outputs.
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 85 ~ 264 VAC / 120 ~ 370 VDC |
| **Output 1 (V1)** | +5V DC @ 0.5 ~ 4.0A |
| **Output 2 (V2)** | +15V DC @ 0.1 ~ 1.0A |
| **Output 3 (V3)** | -15V DC @ 0.1 ~ 0.5A |
| **Total Rated Power** | 35 Watts |
| **Efficiency** | 76% |
| **Cooling** | Free air convection |
---
## 2. Key Electronic Components & Internal Design
The device operates on a **Pulse Width Modulation (PWM)** control circuit. Below are the primary electronic sections:
### A. Input Filter & Protection
* **EMI Filter:** Includes X and Y capacitors and a common-mode choke to suppress electromagnetic interference.
* **Thermistor (NTC):** Used for inrush current limiting to protect components during power-up.
* **Fuse:** Standard protection against short circuits or over-current at the AC input.
### B. Power Conversion Stage
* **Bridge Rectifier:** Converts AC to high-voltage DC.
* **Bulk Capacitor:** Smooths the rectified DC before it enters the switching stage.
* **Switching MOSFET:** High-speed transistor that "chops" the DC into high-frequency AC for the transformer.
* **Transformer:** A multi-tap ferrite transformer that steps down the voltage and provides galvanic isolation between input and output.
### C. Output Rectification & Filtering
* **Schottky Diodes:** Used on the output side for fast rectification with low forward voltage drop.
* **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors are used to filter ripple and noise from the DC outputs.
---
## 3. Terminal Pin Assignment
The NET-35C typically features a 7-pin screw terminal block for connections:
| Pin No. | Assignment | Description |
|:---:|:---|:---|
| 1 | AC/L | AC Line (Hot) |
| 2 | AC/N | AC Neutral |
| 3 | FG | Frame Ground |
| 4 | V3 | -15V Output |
| 5 | V2 | +15V Output |
| 6 | COM | Common Ground (Return) |
| 7 | V1 | +5V Output |
---
## 4. Protection Features
The internal circuitry includes several safety mechanisms:
1. **Overload Protection:** Typically 110% to 150% of rated output power; uses "hiccup mode" (recovers automatically after fault is removed).
2. **Overvoltage Protection:** Specifically for the 5V output (usually trips between 5.75V and 6.75V).
3. **Short Circuit Protection:** Protects the unit if any output rail is grounded.
- ⤷
What are the cooling requirements for the NET-35C in an enclosed cabinet?
- ⤷ Can the +15V and -15V outputs be used independently of the +5V rail?
- ⤷ What is the difference between the NET-35A
- ⤷ NET-35B
- ⤷ and NET-35C models?