データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NET114

  • AI
    Based on technical specifications for industrial network components and electronic control modules, the **NET114** (often associated with brands like **Eaton**, **Cutler-Hammer**, or specialized industrial PLC systems) is a DeviceNet communication module or a network interface card. Below is a breakdown of its electronic parts and functional architecture. --- ### 1. Core Electronic Components The NET114 module consists of several layers of circuitry designed to facilitate communication between a host controller and a network. | Component Category | Key Parts | Function | |:---|:---|:---| | **Microcontroller** | High-speed MCU/Processor | Manages data packet processing and protocol execution. | | **Communication Controller** | CAN Controller (e.g., SJA1000) | Handles the Data Link layer for protocols like DeviceNet. | | **Transceiver** | ISO11898 standard Transceiver | Converts logic signals to physical bus voltages. | | **Isolation Components** | Optocouplers or Magnetic Isolators | Protects the logic circuit from high-voltage surges on the bus. | | **Power Regulation** | DC-DC Converters / LDOs | Steps down the 24V bus power to 5V or 3.3V for internal chips. | --- ### 2. Physical Interface and Layout The board is typically designed for rugged industrial environments, featuring the following physical parts: * **Terminal Blocks/Connectors:** Usually a 5-pin open-style connector (V-, CAN_L, Shield, CAN_H, V+) common to DeviceNet standards. * **LED Indicators:** * **Module Status (MS):** Indicates if the internal electronics are powered and functional. * **Network Status (NS):** Indicates the health of the connection to the external network. * **Address Switches:** Dual rotary switches or DIP switches used to set the MAC ID (0-63) of the electronic module. * **Termination Resistors:** Internal circuitry may include a 120-ohm resistor (jumper-selectable) to prevent signal reflection. --- ### 3. Functional Block Diagram The electronic workflow inside the NET114 follows this path: 1. **Input Stage:** The module draws 24V DC from the network cable. 2. **Isolation Barrier:** The signal passes through optocouplers to ensure that a short circuit on the network doesn't fry the host PLC/Inverter. 3. **Processing:** The MCU translates specific data (like motor speed or sensor state) into the DeviceNet protocol format. 4. **Transmission:** The CAN transceiver pushes the differential signal onto the twisted-pair wiring. --- ### 4. Technical Specifications Summary | Parameter | Typical Value | |:---|:---| | **Input Voltage** | 11 - 25 VDC (Network Power) | | **Current Consumption** | ~50mA to 100mA | | **Baud Rates** | 125k, 250k, 500k bps | | **Operating Temp** | 0°C to +55°C | ---
    ✨ Follow-up Questions
    • ⤷ How do you set the MAC ID on a NET114 module?
    • ⤷ What are the common causes for a red 'NS' LED on this electronic part?
    • ⤷ Can the NET114 be used with protocols other than DeviceNet?