データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NET5ABK

  • AI
    The **NET5ABK** is a part number typically associated with **standardized network interface components**, specifically **Cat5e Unshielded Twisted Pair (UTP) RJ45 Keystone Jacks** or patch cables, often finished in black ("BK"). Below is a breakdown of the electronic and mechanical specifications of these types of components. --- ### 1. Technical Specifications Components like the NET5ABK are engineered to meet the TIA/EIA-568 standards for data transmission. | Feature | Specification | | :--- | :--- | | **Category** | Cat5e (Category 5 Enhanced) | | **Frequency Range** | Up to 100 MHz | | **Data Rate** | Up to 1000 Mbps (1 Gbps) | | **Connector Type** | RJ45 (8P8C) | | **Termination Type** | 110-Type Punch Down (if Keystone) | | **Wiring Standard** | T568A and T568B compatible | --- ### 2. Key Electronic Components & Construction Although it appears to be a simple plastic connector, the internal electronic design is critical for signal integrity: * **Gold-Plated Contacts:** The internal pins are usually plated with 50 micro-inches of gold. This prevents corrosion and ensures a low-resistance connection over thousands of insertion cycles. * **Phosphor Bronze IDC:** The Insulation Displacement Contacts (IDC) where the copper wires are punched down are made of phosphor bronze, providing high-tension contact to "bite" through wire insulation. * **PCB Substrate:** High-quality versions contain a small internal Printed Circuit Board (PCB) designed to balance "Crosstalk" (NEXT) by compensating for signal interference between the pairs. --- ### 3. Physical & Material Properties * **Housing:** High-impact, fire-retardant plastic (UL 94V-0 rated). * **Color Coding:** The "BK" suffix indicates a **Black** finish, used for aesthetic matching in server racks or wall plates. * **Shielding:** Being a standard UTP (Unshielded) part, it relies on the twists in the ethernet cable to reject EMI (Electromagnetic Interference) rather than a metal foil shield. --- ### 4. Applications 1. **Local Area Networks (LAN):** Connecting computers, routers, and switches. 2. **Voice over IP (VoIP):** Powering and connecting office phones. 3. **Power over Ethernet (PoE):** Capable of carrying low-voltage DC power to devices like security cameras and Access Points.
    ✨ Follow-up Questions
    • ⤷ Does the NET5ABK support Power over Ethernet (PoE) standards?
    • ⤷ What is the difference between Cat5e and Cat6 versions of this part?
    • ⤷ How do you properly terminate a 110-type punch down jack?