データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NETBTSBK

  • AI
    Based on available industry data, the **NETBTSBK** is a specific networking or telecommunication component, often identified as a **Power over Ethernet (PoE) Injector or Splitter kit**, frequently associated with high-performance wireless bridge systems or base station equipment (BTS). Below is a breakdown of the electronic parts and specifications typically found in this module. --- ### 1. Core Electronic Components The device is composed of several critical layers of circuitry designed to manage data transmission and power delivery simultaneously. | Component Category | Description | Function | | :--- | :--- | :--- | | **Transformer/Magnetics** | Ethernet Isolation Transformers | Decouples the DC voltage from the high-frequency data signals. | | **Power Controller IC** | PWM (Pulse Width Modulation) Controller | Regulates the output voltage to ensure stability for the connected device. | | **Rectifier Bridge** | Diode Bridge (Schottky Diodes) | Ensures correct polarity of the DC power regardless of cable orientation. | | **Protective Circuitry** | TVS Diodes & Resettable Fuses | Protects the internal electronics from power surges and ESD (Electrostatic Discharge). | | **LED Indicators** | Status LEDs (Power/Active) | Provides visual feedback on link status and power delivery. | --- ### 2. Technical Specifications The "BK" suffix often denotes a "Black" color variant or a specific "Kit" configuration for professional installation. * **Input Port:** RJ45 (Data In) * **Output Port:** RJ45 (Data + Power Out) * **Voltage Range:** Typically 48V - 56V DC (Standard PoE/PoE+) * **Data Rates:** 10/100/1000 Mbps (Gigabit Ethernet support) * **Pin Assignment:** V+ on pins 4, 5; V- on pins 7, 8 (Mode B) --- ### 3. Circuit Block Diagram (Simplified) To understand how these parts interact, the flow of the electronic signal is structured as follows: ```mermaid graph LR A[AC/DC Wall Power] --> B[Internal Regulator] C[Ethernet Data In] --> D[Coupling Transformer] B --> E[Power Inserter] D --> E E --> F[Combined PoE Out] ``` ### 4. Key Design Features 1. **Heat Dissipation:** The internal PCB (Printed Circuit Board) uses thick copper traces to handle the current required for high-draw devices like Outdoor Access Points. 2. **EMI Shielding:** The RJ45 jacks are usually shielded (STP) to prevent electromagnetic interference from degrading the data signal. 3. **Efficiency:** Uses high-efficiency DC-DC conversion to minimize heat generation in compact housings. ---
    ✨ Follow-up Questions
    • What is the maximum wattage support for the NETBTSBK module?
    • How does the surge protection in this device compare to standard PoE injectors?
    • Can this component be used with non-PoE compliant hardware?