データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NETCAT5WH

  • AI
    The **NETCAT5WH** typically refers to a **Category 5e (Cat5e) Network Keystone Jack** (white color code). It is a critical passive electronic component used in structured cabling systems to terminate network cables. --- ## 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Category Rating** | Cat5e (Enhanced) | | **Bandwidth** | Up to 100 MHz | | **Max Data Rate** | 1000 Mbps (1 Gbps) | | **Connector Type** | RJ45 (8P8C) | | **Termination Type** | 110 Punch Down / Toolless (varies by brand) | | **Wiring Standard** | T568A and T568B compatible | | **Housing Material** | High-impact, fire-retardant plastic (UL 94V-0) | --- ## 2. Key Internal Components The NETCAT5WH is composed of several electronic and mechanical parts that ensure signal integrity: ### A. Gold-Plated Contact Pins The RJ45 interface contains 8 metal pins. These are usually plated with **50 micro-inches of gold**. This prevents corrosion and ensures a low-resistance connection between the patch cord and the jack. ### B. IDC (Insulation Displacement Connector) The back of the jack features IDC terminals. When you "punch down" the twisted pairs: - The metal blades slice through the plastic insulation. - They grip the copper conductor to create a gas-tight electrical connection. ### C. PCB (Printed Circuit Board) Most modern Cat5e jacks contain a small internal PCB. This board is designed with specific trace layouts to: - **Minimize NEXT (Near-End Crosstalk):** Reducing interference between wire pairs. - **Maintain Impedance:** Ensuring the signal remains at 100 ohms. --- ## 3. Installation Wiring Diagram To maintain the electronic performance, the wires must be terminated according to specific color codes. ```text T568B Standard Wiring (Most Common): 1. White/Orange 2. Orange 3. White/Green 4. Blue 5. White/Blue 6. Green 7. White/Brown 8. Brown ``` --- ## 4. Signal Integrity Factors * **Twist Maintenance:** When installing this part, the cable twists must be maintained as close to the termination point as possible (no more than 0.5 inches of untwisting) to prevent EMI (Electromagnetic Interference). * **Backward Compatibility:** While rated for Cat5e, this part is electronically compatible with older Cat3 and Cat5 standards.
    ✨ Follow-up Questions
    • ⤷ What is the difference in internal PCB design between a Cat5e and a Cat6 keystone jack?
    • ⤷ How does gold plating thickness affect the lifespan of a network jack?
    • ⤷ What tools are required to terminate a 110-style NETCAT5WH jack?