データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NETSATSGY

  • AI
    It appears you are referring to **NETSAT (Network of Satellites)** or specifically the **NETSAT-GY** configuration, which often relates to nanosatellite formations or CubeSat technology. These systems rely on highly miniaturized, high-precision electronic components to manage formation flying, communication, and power. Below is a breakdown of the primary electronic subsystems and parts typical of a NETSAT-class satellite. --- ### 1. On-Board Computer (OBC) & Data Handling The "brain" of the satellite manages tasks, processes sensor data, and executes maneuvers. | Component | Function | Typical Specs | | :--- | :--- | :--- | | **Microcontroller/SoC** | Executes flight software and control algorithms. | ARM Cortex-M7 or High-Perf FPGAs | | **Memory (RAM/Flash)** | Stores telemetry, logs, and flight code. | 32MB - 128MB (ECC protected) | | **Watchdog Timer** | Restarts the system if the software freezes. | Hardware-level reliability | ### 2. Electronic Power System (EPS) Manages energy harvest from the sun and distribution to other components. * **Solar Cells:** High-efficiency Triple Junction Gallium Arsenide (GaAs) cells. * **Battery Management System (BMS):** Balances charging for Lithium-Ion or LiPo batteries. * **DC-DC Converters:** Steps down battery voltage (e.g., 7.4V) to regulated rails (3.3V, 5V, 12V). ### 3. Attitude Determination and Control System (ADCS) Crucial for NETSAT formations to ensure satellites are pointing in the correct direction. | Part | Type | Description | | :--- | :--- | :--- | | **IMU** | MEMS Gyroscope/Accel | Detects rotation and acceleration. | | **Magnetorquers** | Electromagnetic Coils | Uses Earth's magnetic field to orient the craft. | | **Reaction Wheels** | Brushless DC Motors | High-speed flywheels for precise 3-axis rotation. | | **Star Tracker** | Optical Sensor | Matches star patterns to a map for orientation. | ### 4. Communication (RF) Subsystem NETSATs require two types of electronic communication links: 1. **UHF/VHF Transceiver:** For "Ground-to-Satellite" command and telemetry (lower data rate). 2. **S-Band or X-Band Transmitter:** For high-speed payload data transmission. 3. **Inter-Satellite Link (ISL):** Specifically for NETSAT formations to "talk" to each other and coordinate positions in real-time. ### 5. Propulsion Electronics If the NETSAT-GY utilizes electric propulsion (like Cold Gas or Pulsed Plasma Thrusters): * **Power Processing Unit (PPU):** High-voltage electronics required to ionize fuel or drive valves. * **Pressure Sensors:** To monitor fuel levels and flow rates. --- ### Summary Table of Electronic Architecture | Layer | Electronic Interface | Purpose | | :--- | :--- | :--- | | **Bus** | I2C / CAN / RS-422 | Standardized communication between modules. | | **Protection** | Latch-up Limiters | Prevents "Short Circuits" caused by space radiation. | | **Sensors** | Thermistors | Monitors temperature in the vacuum of space. | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used for Inter-Satellite Links in NETSAT?
    • ⤷ How do NETSAT electronics handle radiation effects like Single Event Upsets (SEUs)?
    • ⤷ Can you explain the role of FPGAs versus Microcontrollers in nanosatellite electronics?