データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NETUSBPDWH

  • AI
    Based on the product code provided, **NETUSBPDWH** typically refers to a **Power Delivery (PD) USB-C Wall Outlet/Charger** (often a 20W or 30W module). These devices are complex because they must convert high-voltage AC power into low-voltage DC power while communicating with the connected device to negotiate speed. Below is an explanation of the core electronic components found within such a device. --- ### 1. Primary High-Voltage Stage This section handles the initial input from the wall outlet (110V-240V AC). | Component | Function | | :--- | :--- | | **Input Fuse** | Protects the circuit from over-current and fire hazards. | | **Bridge Rectifier** | Converts AC (Alternating Current) from the wall into pulsating DC (Direct Current). | | **Bulk Capacitor** | Smooths the pulsating DC into a steady high-voltage DC bus. | | **Switching MOSFET** | Rapidly turns the power on and off (thousands of times per second) to feed the transformer efficiently. | --- ### 2. The Power Controller (The Brain) This is the most critical part of a "PD" (Power Delivery) device. * **PWM Controller IC:** Controls the switching speed of the MOSFET to maintain a stable output. * **USB-PD Controller:** This chip "talks" to your phone or laptop via the **CC lines** (Configuration Channel). It negotiates whether to provide 5V, 9V, 12V, or 20V based on what the device requests. * **Optocoupler:** A safety component that uses light to send signals between the high-voltage side and the low-voltage side, ensuring no dangerous high voltage reaches your phone. --- ### 3. Secondary Low-Voltage Stage After the voltage is stepped down, it must be cleaned and regulated. * **Flyback Transformer:** Provides galvanic isolation and steps the high voltage down to low voltage. * **Synchronous Rectifier:** High-efficiency diodes (often MOSFET-based) that convert the transformer output back to clean DC. * **Output Filter Capacitors:** Remove any remaining "noise" or ripple to ensure the battery of your device isn't damaged. --- ### 4. Safety & Protection Circuitry Electronic parts specifically designed to prevent "NETUSBPDWH" from failing dangerously: 1. **NTC Thermistor:** Monitors temperature; if the charger gets too hot, it throttles the power. 2. **ESD Protection Diodes:** Protects the USB-C port from static electricity when you plug/unplug cables. 3. **Shunt Resistor:** Measures current flow to prevent over-charging. --- ### Technical Specification Overview Most modules under this category follow these general electronic standards: ```json { "Input": "100-240V AC, 50/60Hz", "Protocol": "USB Power Delivery 3.0 / Quick Charge 3.0", "Output_Profiles": ["5V/3A", "9V/2.22A", "12V/1.67A"], "Max_Wattage": "20W - 30W (typical for WH models)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between GaN (Gallium Nitride) and standard silicon components in these chargers?
    • ⤷ How does the CC line communication work between the charger and a smartphone?
    • ⤷ What are the common failure points in USB-PD wall modules?