データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NK5M5N-R

  • AI
    The **NK5M5N-R** is a specific electronic component typically identified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are primarily used for switching and amplification in electronic circuits. Below is a detailed breakdown of its specifications and characteristics. ### Technical Specifications The "NK" series often refers to N-Channel enhancement mode MOSFETs designed for high-efficiency power management. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | Requires a positive gate voltage to conduct. | | **Drain-Source Voltage ($V_{DSS}$)** | 30V - 60V* | The maximum voltage the device can handle across its output. | | **Continuous Drain Current ($I_D$)** | 50A - 80A* | The maximum current the device can conduct continuously. | | **On-Resistance ($R_{DS(on)}$)** | Low (m$\Omega$ range) | Minimizes power loss during conduction. | | **Package Type** | DFN 5x6 / PDFN | A surface-mount package designed for high thermal dissipation. | *\*Note: Exact values can vary slightly depending on the specific manufacturer (such as Niko-Sem or similar power semiconductor brands).* --- ### Internal Structure & Operation The NK5M5N-R operates through three main terminals: 1. **Gate (G):** Controls the "on/off" state. Applying a voltage creates a conductive channel. 2. **Drain (D):** The terminal where the current enters the device. 3. **Source (S):** The terminal where the current exits the device. ### Key Features * **High Switching Speed:** Capable of turning on and off millions of times per second (MHz range), making it ideal for PWM (Pulse Width Modulation). * **Low Gate Charge:** Requires very little energy to trigger the switching process, improving overall system efficiency. * **Thermal Performance:** The bottom-side metal pad (on DFN packages) allows for direct soldering to the PCB for heat sinking. --- ### Common Applications The NK5M5N-R is frequently found in the following electronic systems: * **Motherboards & Laptops:** Used in the VRM (Voltage Regulator Module) to step down battery/adapter voltage for the CPU/GPU. * **DC-DC Converters:** Found in buck or boost converters for power supply units. * **Motor Drivers:** Controlling the speed and direction of small DC motors. * **Battery Management Systems (BMS):** Serving as a protection switch to cut off power during overcurrent or short-circuit events. --- ### Circuit Symbol Example ```text Drain (D) | ---| Gate (G) |<--- (N-Channel) ---| | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the NK5M5N-R?
    • ⤷ Can this MOSFET be used in a high-side switch configuration?
    • ⤷ What are the pin-compatible alternatives for this component?