データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NP-R3

  • AI
    The **NP-R3** typically refers to a specific series of high-performance **Pneumatic-Electric Relay** modules or precision **Pressure Switches** used in industrial automation. Below is a breakdown of the core electronic and mechanical components that make up these units. --- ### 1. Internal Component Overview The NP-R3 functions by converting a physical input (pressure) into an electrical signal (switching). | Component | Function | Material/Type | | :--- | :--- | :--- | | **Diaphragm / Bellows** | Senses the pressure change and moves mechanically. | Stainless Steel or NBR | | **Microswitch** | The core electrical element that opens or closes the circuit. | SPDT (Single Pole Double Throw) | | **Adjustment Spring** | Sets the threshold (setpoint) for the electrical trigger. | High-tension Alloy | | **Terminal Block** | Provides the interface for electrical wiring (COM, NO, NC). | Silver-plated Copper | | **Housing** | Protects internal electronics from EMI and environmental debris. | Die-cast Aluminum or Polymer | --- ### 2. Electrical Specifications When integrating the NP-R3 into a control system, these electronic parameters are critical: * **Switching Capacity:** Usually supports both AC and DC loads. * *Example:* 250V AC (5A) / 30V DC (3A). * **Contact Configuration:** * **COM (Common):** The power input. * **NO (Normally Open):** Closes when the pressure setpoint is reached. * **NC (Normally Closed):** Opens when the pressure setpoint is reached. * **Insulation Resistance:** Typically >100MΩ to prevent short circuits in humid industrial environments. --- ### 3. Connection Logic (Wiring Diagram) ```mermaid graph LR A[Pressure Input] --> B(Mechanical Diaphragm) B --> C{Microswitch} C -->|Triggered| D[NC Pin Opens] C -->|Triggered| E[NO Pin Closes] F[Power Supply] --> C ``` ### 4. Key Electronic Features 1. **Hysteresis (Differential):** The electronic gap between the "set" point and "reset" point. This prevents "chattering" (rapid cycling) of the electrical contacts. 2. **Gold-Plated Contacts:** High-end NP-R3 variants use gold plating to ensure low contact resistance, specifically for PLC (Programmable Logic Controller) inputs that use very low current. 3. **Vibration Resistance:** The internal microswitch is usually spring-loaded to ensure that mechanical vibrations do not cause false electrical triggers. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage rating for the NP-R3 microswitch?
    • ⤷ How do you adjust the pressure setpoint on this model?
    • ⤷ Can the NP-R3 be used for vacuum applications as well?