データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • NP-R33

  • AI
    The **NP-R33** (often associated with industrial proximity sensors or specific battery/component modules depending on the manufacturer) most commonly refers to an **Inductive Proximity Sensor** used in automation. Below is a breakdown of its core electronic parts, technical specifications, and wiring structure. --- ### 1. Internal Electronic Components An inductive proximity sensor like the NP-R33 consists of four main internal stages: | Component Stage | Function | | :--- | :--- | | **Oscillator** | Generates a high-frequency electromagnetic field from the sensing face. | | **Demodulator** | Detects changes in the amplitude of the oscillation when metal enters the field. | | **Trigger Circuit** | (Schmitt Trigger) Converts the analog signal into a clear ON/OFF digital signal. | | **Output Stage** | Typically uses a transistor (NPN or PNP) to switch the load. | --- ### 2. Technical Specifications While exact specs can vary by brand (e.g., Landy, Fotek, or Omron-style clones), the standard NP-R33 parameters are: * **Sensing Distance:** Usually 2mm to 5mm (depending on the target metal). * **Operating Voltage:** 10-30V DC. * **Output Type:** NPN or PNP (Normally Open/Closed). * **Switching Frequency:** ~500Hz to 1kHz. * **Housing Material:** Nickel-plated brass or PBT plastic. --- ### 3. Wiring Configuration The NP-R33 typically utilizes a standard 3-wire color-coding system: | Wire Color | Assignment | Description | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive power supply (10-30V DC). | | **Blue** | GND (-) | Negative power supply / Common. | | **Black** | Out (Signal) | The load is connected between Black and Brown (NPN) or Black and Blue (PNP). | --- ### 4. Logic Types It is crucial to identify if your specific part is **NPN** or **PNP**: 1. **NPN (Sinking):** When the sensor is triggered, the output (Black) connects to the Negative (Blue). 2. **PNP (Sourcing):** When the sensor is triggered, the output (Black) connects to the Positive (Brown). ```mermaid graph LR A[Metal Target] --> B(Electromagnetic Field) B --> C{Internal Logic} C --> D[Switching Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ Is your NP-R33 an NPN or PNP logic type?
    • ⤷ What is the specific sensing distance required for your application?
    • ⤷ Are you connecting this sensor to a PLC or an Arduino/Microcontroller?