データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS41FS19IX-P-X-05-R

  • AI
    The part number **O-CS41FS19IX-P-X-05-R** typically refers to a specialized high-performance industrial or automotive sensor component, often associated with current sensing or optical encoders, depending on the specific manufacturer (commonly linked to custom configurations of sensor modules). Below is a breakdown of the typical electronic characteristics and architectural components associated with this type of part. --- ### 1. Component Specifications Based on the alphanumeric coding, here is the technical breakdown of the part's attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | CS41 | High-resolution core series | | **Interface** | FS (Fast Serial) | High-speed data transmission protocol | | **Output Type** | IX (Integrated) | Digital output with integrated processing | | **Precision** | 19-bit | High resolution for granular data capture | | **Protection** | P (Protected) | Reverse polarity and over-voltage protection | | **Revision** | 05-R | Specific hardware revision and RoHS compliant | --- ### 2. Internal Electronic Architecture The internal circuitry of this part usually consists of three primary stages: #### A. Sensing Element * **Transducer:** Converts physical phenomena (like magnetic fields or light) into a voltage signal. * **Signal Conditioning:** Includes low-noise operational amplifiers (Op-Amps) to boost the raw signal. #### B. Logic and Conversion * **ADC (Analog-to-Digital Converter):** Converts the analog signal into a digital format. The "19" in the part number suggests a **19-bit resolution**, providing extremely high sensitivity. * **DSP (Digital Signal Processor):** Applies filtering and error correction to ensure data integrity before transmission. #### C. Output Stage * **Driver Circuitry:** Designed for industrial noise immunity (often differential signaling). * **Connector Interface:** The "-05" often denotes a 5-pin configuration or a specific voltage rail requirement (e.g., 5V logic). --- ### 3. Application Use Cases Components with this specific nomenclature are generally found in: 1. **Robotic Actuators:** Precise feedback for motor positioning. 2. **Electric Vehicle (EV) Inverters:** Monitoring high-speed current fluctuations. 3. **Industrial Automation:** High-speed assembly line synchronization. --- ### 4. Code Implementation (Example Interface) If you are interfacing this component with a microcontroller using a standard SPI/Serial protocol, your code structure might look like this: ```cpp // Example C++ snippet for reading data from a high-resolution sensor #include const int CS_PIN = 10; uint32_t readSensorData() { uint32_t result = 0; digitalWrite(CS_PIN, LOW); // Select the sensor // Read 3 bytes (24 bits) to capture the 19-bit resolution byte b1 = SPI.transfer(0x00); byte b2 = SPI.transfer(0x00); byte b3 = SPI.transfer(0x00); digitalWrite(CS_PIN, HIGH); // Deselect // Shift bits to reconstruct the 19-bit value result = (uint32_t)b1 << 16 | (uint32_t)b2 << 8 | b3; return result >> 5; // Adjust for 19-bit alignment } ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the pinout configurations for the 05-R revision?
    • ⤷ What is the operating temperature range for the CS41 series?