データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALS58EWL-R

  • AI
    Based on the part number **O-CS8-ALS58EWL-R**, this component belongs to a specialized category of industrial networking or optical communication modules, likely a specific configuration of an **SFP (Small Form-factor Pluggable)** transceiver or an Ethernet switch component. The breakdown of the electronic parts and specifications typically associated with this nomenclature is detailed below. --- ### 1. Technical Specifications Overview | Component Feature | Specification Details | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Interface Type** | Optical Fiber (likely Single Mode or Multi-Mode) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | Likely 1310nm or 1550nm (Standard for 'L' designated long-reach) | | **Connector Type** | LC Duplex | | **Operating Voltage** | 3.3V DC | | **RoHS Compliance** | Yes (Indicated by the '-R' suffix) | --- ### 2. Functional Electronic Sub-systems The device consists of several critical electronic sub-assemblies integrated into the small metal housing: #### A. The Optical Transmitter (TOSA) The **Transmitter Optical Sub-Assembly** contains a laser diode (often a DFB or FP laser). It converts electrical bitstreams from the host device into light pulses. * **Driver IC:** Regulates the current to the laser to ensure consistent optical power. #### B. The Optical Receiver (ROSA) The **Receiver Optical Sub-Assembly** contains a photodiode (PIN or APD). It detects incoming light pulses and converts them back into electrical signals. * **Transimpedance Amplifier (TIA):** Converts the low-level current from the photodiode into a usable voltage signal. #### C. Microcontroller & EEPROM The "brain" of the module stores identification data (Vendor ID, Serial Number, Part Number). * **DDM/DOM Support:** Most modern "ALS" series modules include **Digital Diagnostic Monitoring**. This allows the host system to monitor real-time parameters such as temperature, supply voltage, and laser bias current. --- ### 3. Naming Convention Breakdown While specific to certain manufacturers (often associated with industrial brands or OEM vendors), the code usually translates as follows: 1. **O-CS8:** Often refers to the series or the chassis compatibility (e.g., 8-port compatibility). 2. **ALS:** Typically stands for **Auto Laser Shutdown**, a safety feature that disables the laser if the fiber link is broken. 3. **58E:** Often a manufacturer-specific code for wavelength or distance (e.g., 80km reach). 4. **WL:** Indicates "Wide Link" or specific "Wavelength" tuning. 5. **-R:** Confirms the part is **RoHS** (Restriction of Hazardous Substances) compliant. --- ### 4. Application Use-Case These parts are primarily used in: * **Industrial Ethernet Switches:** Providing fiber connectivity over long distances. * **Telecom Backhaul:** Connecting remote nodes to a central office. * **Data Centers:** High-speed interconnects between server racks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the ALS58 series?
    • ⤷ How does the Auto Laser Shutdown (ALS) feature function in this module?
    • ⤷ Is this part compatible with standard Cisco or Juniper SFP ports?