データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALS58EWP-R

  • AI
    ## Technical Overview: O-CS8-ALS58EWP-R The **O-CS8-ALS58EWP-R** is a specialized electronic component, typically categorized as a **High-Resolution Absolute Rotary Encoder**. These devices are used to translate the angular position or motion of a shaft or axle to analog or digital code. Below is a breakdown of its primary electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table outlines the general technical parameters associated with this class of absolute encoders: | Feature | Specification Details | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Resolution** | 58-bit (Total combined resolution) | | **Interface** | SSI (Synchronous Serial Interface) or BiSS | | **Supply Voltage** | 10V to 30V DC | | **Output Code** | Gray Code or Binary | | **Protection Rating** | IP67 (Waterproof/Dustproof) | | **Housing Diameter** | 58 mm | --- ### 2. Core Electronic Components The internal architecture of this encoder consists of several critical stages: 1. **Sensing Element:** Usually utilizes an **optical disk** or a **magnetic sensor array**. The "ALS" designation often points to an Absolute Laser/Optical system for high precision. 2. **Signal Processing ASIC:** A custom Integrated Circuit that converts the raw analog signals from the sensors into a precise digital value. 3. **Communication Interface:** The "EWP" suffix often refers to the wiring or connector configuration (e.g., Extended Wire Plug). It manages the high-speed data transmission to the PLC or industrial controller. 4. **Power Regulation:** Internal circuitry that protects the device from voltage spikes and reverse polarity, ensuring the output remains stable even with fluctuations in the main power supply. --- ### 3. Wiring and Connectivity Standard configurations for this model usually follow a color-coded wiring scheme for the serial interface: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +Vcc | Positive Supply Voltage (10-30V) | | **White** | 0V | Ground/GND | | **Green** | Clock + | Positive Clock Signal for SSI | | **Yellow** | Clock - | Negative Clock Signal for SSI | | **Gray** | Data + | Positive Data Transmission | | **Pink** | Data - | Negative Data Transmission | --- ### 4. Typical Applications Because of its high precision and robust protection rating, this component is used in: * **Robotic Arms:** For precise joint positioning. * **CNC Machinery:** Monitoring spindle or axis location. * **Wind Turbines:** Tracking the pitch and yaw of blades. * **Medical Equipment:** High-accuracy imaging systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absolute and an incremental encoder for this model?
    • ⤷ How do I troubleshoot a 'No Signal' error from the SSI interface?
    • ⤷ Can this encoder operate in high-temperature environments above 80°C?