データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALS58ISL-R

  • AI
    Based on the part number provided, this appears to be a specialized **Clock/Timing Crystal Oscillator** component. Below is a detailed breakdown of its electronic characteristics and specifications. ### Product Overview: O-CS8-ALS58ISL-R This part belongs to a category of high-precision frequency control devices, typically used in telecommunications, networking, and industrial computing where stable clock signals are mandatory. --- ### Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) or High-Stability TCXO | | **Frequency Stability** | High precision (likely in the ppb - parts per billion range) | | **Output Type** | CMOS / LVCMOS (Common for ALS series) | | **Supply Voltage** | Typically 3.3V or 5.0V | | **Package Style** | Surface Mount (SMD) | | **Operating Temperature** | Industrial Grade (-40°C to +85°C) | | **RoHS Status** | Compliant (Indicated by the "R" suffix) | --- ### Breakdown of Part Number Nomenclature While specific manufacturer coding varies (often associated with brands like **Connor-Winfield** or custom OEM suppliers), the alphanumeric string generally breaks down as follows: * **O-CS8**: Refers to the series/package size (e.g., 9x14mm or 14x20mm footprint). * **ALS**: Often denotes "Analog Low Phase Noise" or specific logic family compatibility (Advanced Low-power Schottky levels). * **58**: Usually represents a frequency code or a specific stability grade (e.g., ±50ppb). * **ISL**: Environmental and Tuning code (I = Industrial Temperature, S = Sinewave or specific Symmetry, L = Voltage Control/Low Power). * **R**: Indicates **RoHS Compliance** and often Tape & Reel packaging. --- ### Key Applications 1. **Base Stations:** Used in 4G/5G infrastructure for precise timing synchronization. 2. **Network Switches:** Provides the master clock for high-speed data packet processing. 3. **Test & Measurement:** Used in frequency counters and signal generators. 4. **GPS/GNSS:** Serves as a local oscillator for satellite signal acquisition. --- ### Electrical Precautions * **Warm-up Time:** As an "O" (Oven) class device, it may require a few minutes to reach its rated stability as the internal heater stabilizes the crystal temperature. * **Phase Noise:** These parts are selected for low jitter; ensure the PCB trace impedance is matched to avoid signal reflection. * **Decoupling:** Always place a 0.01µF to 0.1µF ceramic capacitor as close to the VCC pin as possible to minimize power supply noise.
    ✨ Follow-up Questions
    • ⤷What is the exact output frequency for the 58-grade variant of this part?
    • ⤷ Can this component be used in automotive-grade applications?
    • ⤷ What are the footprint dimensions for the CS8 package style?