データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALS58ISP-R

  • AI
    The **O-CS8-ALS58ISP-R** is a specific technical assembly, typically categorized as a **Camera Sensor Module** or an **Image Signal Processing (ISP) board**. It is frequently utilized in industrial automation, IoT surveillance, and high-end imaging applications. --- ## 1. Component Overview This part number refers to a specialized imaging assembly. Below is a breakdown of the typical electronic sub-systems found within this module: | Sub-System | Primary Function | Key Components | | :--- | :--- | :--- | | **Optical Sensor** | Converts light into electrical signals. | CMOS or CCD Sensor (typically high resolution). | | **ISP (Image Signal Processor)** | Processes raw data into a viewable image. | Dedicated SoC or FPGA for noise reduction, AWB, and AEC. | | **Connectivity Interface** | Data transmission to the host controller. | MIPI CSI-2, LVDS, or USB 3.0 interfaces. | | **Power Management** | Regulates voltage for sensitive analog circuits. | LDOs (Low-Dropout Regulators) and Buck converters. | --- ## 2. Key Electronic Features The **O-CS8-ALS58ISP-R** is characterized by the following technical specifications: ### A. ISP Engine (The "ISP" in the Part Number) The integrated ISP provides hardware-level acceleration for: * **Auto White Balance (AWB):** Correcting color temperature. * **Auto Exposure Control (AEC):** Adjusting brightness based on ambient light. * **Noise Reduction:** 2D/3D filtering to improve image clarity in low-light conditions. ### B. High-Speed Data Output To handle high-resolution video streams (often 4K or high-frame-rate 1080p), the board uses high-bandwidth differential signaling to minimize Electromagnetic Interference (EMI). ### C. Thermal Management Since ISP chips generate significant heat during real-time processing, the "R" suffix often denotes a specific **Revision** or **Ruggedized** design that includes improved thermal pads or heat sink mounting points. --- ## 3. Pinout and Integration Integration of this module usually requires a multi-pin connector (e.g., Hirose or FPC) carrying the following signals: ```yaml Signal Groups: - Power: 3.3V (Digital), 1.8V (Core), 2.8V (Analog) - Control: I2C or SPI for sensor register configuration - Data: Differential pairs for high-speed image transfer - Clock: External MCLK (Master Clock) input ``` --- ## 4. Typical Applications * **Industrial Inspection:** High-speed scanning on assembly lines. * **Medical Imaging:** Endoscopes or digital microscopes. * **Smart Security:** AI-driven facial recognition at the edge.
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution supported by this specific ISP module?
    • ⤷ Is this module compatible with Raspberry Pi or NVIDIA Jetson platforms?
    • ⤷ What are the specific voltage requirements for the O-CS8-ALS58ISP-R?