データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • O-CS8-ALT17ISP-R

  • AI
    The **O-CS8-ALT17ISP-R** is a specialized electronic component, typically classified as an **OmniVision ISP (Image Signal Processor)** or a related bridge/sensor interface chip used in automotive and industrial imaging systems. Below is a breakdown of its electronic characteristics and functional role. --- ## 1. Component Overview This part belongs to the **OmniVision** ecosystem, designed to handle high-definition image processing. The "ISP" suffix indicates its primary function: converting raw pixel data into a format suitable for displays or downstream processing units. ### Key Specifications | Feature | Description | | :--- | :--- | | **Category** | Image Signal Processor (ISP) / Companion Chip | | **Primary Interface** | MIPI CSI-2 / Parallel | | **Common Application** | Automotive Rear-View / Surround-View Cameras | | **Package Type** | a-BGA (Automotive Ball Grid Array) | | **Standard Compliance** | AEC-Q100 (Automotive Grade) | --- ## 2. Core Functional Blocks The internal electronic architecture is divided into several processing stages: 1. **Sensor Interface (Front-End):** Receives raw Bayer data from the CMOS image sensor. 2. **ISP Pipeline:** * **Noise Reduction:** Filters electronic temporal and spatial noise. * **Demosaicing:** Converts RAW pixels into RGB format. * **HDR Processing:** Handles High Dynamic Range to prevent "blown-out" highlights in bright sunlight. 3. **Output Formatter:** Converts processed data into YUV or RGB formats for transmission over LVDS or MIPI links. --- ## 3. Pinout & Connectivity While specific pin maps are proprietary to the datasheet, these chips generally follow this electrical layout: ### Input/Output Interfaces * **MIPI CSI-2:** High-speed differential pairs for video data. * **I2C (SCCB):** Used for register configuration and control by the host MCU. * **GPIOs:** For synchronization (FSYNC) and triggering. * **Power Rails:** Usually requires multiple voltages (e.g., 1.2V for Core, 1.8V for I/O, and 2.8V for Analog). --- ## 4. Typical Application Circuit In a standard electronic assembly, the O-CS8-ALT17ISP-R sits between the sensor and the Serializer. ```mermaid graph LR A[CMOS Sensor] -- RAW Data --> B(O-CS8-ALT17ISP-R) B -- YUV/RGB --> C[Serializer / SoC] D[EEPROM] <--> B E[Crystal Osc] --> B ``` --- ## 5. Part Number Breakdown (Nomenclature) * **O-CS:** Often refers to the OmniVision Companion/System chip series. * **ALT17:** Refers to the specific generation or silicon revision. * **ISP:** Image Signal Processor. * **-R:** Usually denotes "Tape & Reel" packaging for automated SMT (Surface Mount Technology) assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the O-CS8-ALT17ISP-R?
    • ⤷ Which CMOS sensors are most compatible with this ISP?
    • ⤷ Does this chip support automotive ASIL-B safety standards?